Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4917_06 Datasheet HTML 1Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 2Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 3Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 4Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 5Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 6Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 7Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 8Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
1
Features
• Micro power design
• 2.4 V to 5.5 V battery operation
• High sensitivity and high stability of the
magnetic switching points
• High resistance to mechanical stress
• Digital output signal
• Switching for both poles of a magnet (omnipolar)
• Programming pin for the switching
direction of the output
• Not suitable for automotive application
Functional Description
The TLE 4917 is an Integrated Hall-Effect Sensor designed specifically to meet the
requirements of low-power devices. e.g. as an On/Off switch in Cellular Flip-Phones, with
battery operating voltages of 2.4V – 5.5V.
Precise magnetic switching points and high temperature stability are achieved through the
unique design of the internal circuit.
An onboard clock scheme is used to reduce the average operating current of the IC.
During the operate phase the IC compares the actual magnetic field detected with the
internally compensated switching points. The output Q is switched at the end of each
operating phase.
During the Stand-by phase the output stage is latched and the current consumption of the
device reduced to some µA.
The IC switching behaviour is omnipolar, i.e. it can be switched on with either the North or
South pole of a magnet.
The PRG pin can be connected to VS which holds the output VQ at a High level for B=0mT;
conversely the output VQ can be inverted by connecting the PRG pin to GND, which will
hold the output VQ at a Low level for B=0mT. In this later case the presence of an adequate
magnetic field will cause the output VQ to switch to a High level ( i.e. off state ).
Type
Marking
Ordering Code
Package
TLE 4917
17s
Q62705K 605
P-TSOP6-6-2
Low Power Hall Switch
TLE 4917
P-TSOP6-6-2


Similar Part No. - TLE4917_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4917 INFINEON-TLE4917 Datasheet
259Kb / 13P
Low Power Hall Switch
2002-08-22
More results

Similar Description - TLE4917_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4913 INFINEON-TLE4913 Datasheet
197Kb / 12P
Low Power Hall Switch
V 2.2, 2004-03-09
TLE4917 INFINEON-TLE4917 Datasheet
259Kb / 13P
Low Power Hall Switch
2002-08-22
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Infineon Technologies A...
TLE4916-1K INFINEON-TLE4916-1K Datasheet
1Mb / 16P
Low Power Automotive Hall Switch
Rev.1.0, 2010-02-23
logo
Unisonic Technologies
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com