Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2715 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2715
Description  NPN Plastic-Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2715 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2715 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2715 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC2715 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2SC2715 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2715
0.05A , 35V
NPN Plastic-Encapsulate Transistor
Elektronische Bauelemente
14-Mar-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Power Gain
Recommended for FM IF,OSC Stage and AM CONV.
IF Stage.
CLASSIFICATION OF hFE
Product-Rank
2SC2715-R
2SC2715-O
2SC2715-Y
Range
40~80
70~140
120~240
Marking
RR1
RO1
RY1
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
350
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
35
-
-
V
IC=10μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
4
-
-
V
IE=10μA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB=35V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB=4V, IC=0
DC Current Gain
hFE
40
-
240
VCE=12V, IC=2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=10mA, IB=1mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1
V
IC=10mA, IB=1mA
Transition Frequency
fT
100
-
400
MHz
VCE=10V, IC=1mA
Power Gain
Gpe
27
-
33
dB
VCE=6V, IC=1mA, f=10.7MHz
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - 2SC2715

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2715 TOSHIBA-2SC2715 Datasheet
314Kb / 7P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER APPLICATIONS)
2SC2715 TOSHIBA-2SC2715 Datasheet
972Kb / 8P
Silicon NPN Epitaxial Planar Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2715 BILIN-2SC2715 Datasheet
262Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2715 KEXIN-2SC2715 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Shenzhen Jin Yu Semicon...
2SC2715 HTSEMI-2SC2715 Datasheet
1Mb / 4P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2715

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com