Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2715 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2715
Description  NPN Plastic-Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2715 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  2SC2715 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2715 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC2715 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2SC2715 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC2715
0.05A , 35V
NPN Plastic-Encapsulate Transistor
Elektronische Bauelemente
14-Mar-2011 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com