Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG TLE6288R Datasheet HTML 12Page - Infineon Technologies AG TLE6288R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
9
Rev. 2.5, 2010-10-11
TLE6288R
General Product Characteristics
Attention: Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as “outside” normal operating
range. Protection functions are not designed for continuous repetitive operation.
Figure 3
Test Condition
3.2
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
3.2.1
–
3.2.2
Junction to Case1)
1) Not subject to production test, specified by design.
R
thjC
1K/W
2)
2) Channel 1-6 continously turned on, 0.8W power dissipation per channel
3.2.3
Junction to ambient1)
R
thjA
15.5
K/W
2) 3)
3) Specified
R
thjA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board ; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
μm Cu, 2 x 35μm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
Further informations can be found in Chapter 7.2
12V
40V
10 times
(once/ 30sec)
160ms
350ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com