Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288R Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 17Page - Infineon Technologies AG TLE6288R Datasheet HTML 18Page - Infineon Technologies AG TLE6288R Datasheet HTML 19Page - Infineon Technologies AG TLE6288R Datasheet HTML 20Page - Infineon Technologies AG TLE6288R Datasheet HTML 21Page - Infineon Technologies AG TLE6288R Datasheet HTML 22Page - Infineon Technologies AG TLE6288R Datasheet HTML 23Page - Infineon Technologies AG TLE6288R Datasheet HTML 24Page - Infineon Technologies AG TLE6288R Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
21
Rev. 2.5, 2010-10-11
TLE6288R
SPI
5.6
Bit Assignment and Default Settings for Internal Logic Registers
Default Settings are in bold print.
Mode
00
no current regulation
01
hold only
10
P&H minimum peak time
11
P&H with programmed times
Peak Current (
I
pk)
1.2 A
1.8 A
2.4 A
3.6 A
2 Bits
00
01
10
11
Hold Current (
I
hd)
0.7 A
1.0 A
1.4 A
2.0 A
2 Bits
00
01
10
11
Fixed off Time (
t
fo)
100
μs
200
μs
300
μs
400
μs
2 Bits
00
01
10
11
Peak Time (
t
p)
0.8 ms
1.2 ms
1.6 ms
2.0 ms
2.4 ms
2.8 ms
3.2 ms
3.6 ms
3 Bits
000
001
010
011
100
101
110
111
Boolean operation
OR
AND
1 Bit
0
1
Overtemp. behavior
Restart
Latch
1 Bit
0
1
Diag6 / Overtemp
Diag6
Overtemp. Flag
1 Bit
0
1
Highside / Lowside
Highside
Lowside
1 Bit
0
1
Open Load & SB (4-6)
Yes
No
1 Bit
0
1
Channels on / off
off
on
1 Bit
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com