Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV74
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV74 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV74 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV74 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAV74
Surface Mount Switching Diode
A
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
50
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current, T=1s
IFM(surge)
0.5
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BAV74 = JA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 5 µAdc)
V(BR)
50
—
Vdc
Reverse Voltage Leakage Current
(VR = 50 Vdc, TJ = 125°C)
(VR = 50 Vdc)
IR
—
—
100
0.1
µAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
—
2.0
pF
Forward Voltage
(IF = 100 mAdc)
VF
—
1
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1) RL = 100
Ω
trr
—
4.0
ns
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FEATURES
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
3
CATHODE
ANODE
1
2
ANODE
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
B S
G
V
3
1
2
D
Top View
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
T=1ms
T=1us
1
4
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com