Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV74
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV74 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAV74 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV74 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
BAV74
Surface Mount Switching Diode
100
0.2
0.4
VF, Forward Voltage (V)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, Reverse Voltage (V)
1.0
0.1
0.01
0.001
10
20
30
40
50
Figure 2. Forward Voltage
Figure 3. Leakage Current
TA = – 40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
Curves Applicable to Each Anode
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
Ω
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω Output
Pulse
Generator
50
Ω Input
Sampling
Oscilloscopes
tr
tp
t
10%
90%
IF
IR
trr
t
IR(REC) = 1.0 mA
Output Pulse
(IF = IR = 10 mA; Measured
at IR(REC) = 1.0 mA)
IF
Input Signal
Figure 1. Recovery Time Equivalent Test Circuit
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1.0
0
VR, Reverse Voltage (V)
0.9
0.8
0.7
0.6
24
6
8
Figure 4. Capacitance
10
2
1
tp(uS)
10
1
10
-10
10
10
2
10
3
10
4
Figure 5. Forward Surge
01-Jun-2002 Rev. A
Page
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com