Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC848C
Description  BC846A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC848C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC848C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC848C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC848C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BC846A, B
BC847A, B, C
BC848A, B, C
Collect current : 0.1A
n
General Purpose Transistor NPN Type
n
RoHS compliant product
n
Operating Temp. : -55O
n
C ~ +150OC
FEATURES
C OLLE C TOR
3
1
BAS E
2
E MITTE R
D
Top View
1
2
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL
CHARACTERISTICS
Tamb=25
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC846
BC847
BC848
VCBO
Ic= 10
A
IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846
BC847
BC848
VCEO
Ic= 10
mA
IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10
A
IC=0
6
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB= 70 V ,
IE=0
VCB= 50 V ,
IE=0
VCB= 30 V ,
IE=0
0.1
A
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE= 60 V ,
IB=0
VCE= 45 V ,
IB=0
VCE= 30 V ,
IB=0
0.1
A
Emitter cut-off current
IEBO
VEB= 5 V ,
IC=0
0.1
A
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C,BC848C
HFE 1
VCE= 5V,
IC= 2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,
IB= 5 mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= 100 mA, IB= 5mA
1.1
V
Transition frequency
fT
VCE= 5 V,
IC= 10mA
f=100MHz
100
MHz
DEVICE MARKING
BC846A=1A; BC846B=1B; BC847A=1E; BC847B=1F; BC847C=1G; BC848A=1J; BC848B=1K; BC848C=1L
01-Jun-200
4 Rev.B
Page 1 of 3
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848C MCC-BC848C Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com