Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP53
Description  PNP Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP53 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP53 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP53 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP53
-1A , -100V
PNP Silicon Medium Power Transistor
25-Jan-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Collector-Emitter Voltage:VCEO= -80V
Complementary types: BCP56 (NPN)
CLASSIFICATION OF hFE (2)
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-223
2.5K
13’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-1
A
Collector Power Dissipation
PD
1.5
W
Junction Temperature
Tj
150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-100
V
IC= -0.1mA , IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-80
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
V
IE= -10μA, IC=0
Collector cut-off current
ICBO
-100
nA
VCB= -30V, IE=0
hFE (1)
63
VCE= -2V, IC= -5mA
hFE (2)
63
250
VCE= -2V, IC= -150mA
DC current gain
1
hFE (3)
40
VCE= -2V, IC= -500mA
Collector-emitter saturation voltage
1
VCE(sat)
-0.5
V
IC= -500mA, IB= -50mA
Base-emitter voltage
1
VBE(on)
-1
V
VCE= -2V, IC= -500mA
Transition frequency
f T
100
MHz
VCE= -5V, IC= -10mA, f=100MHZ
Note:
1. Pulse Test: Pulse Width≦380us, Duty Cycle≦2%.
Product-Rank
BCP53-10
BCP53-16
Range
63~160
100~250
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
SOT-223
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C


Similar Part No. - BCP53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Zetex Semiconductors
BCP53 ZETEX-BCP53 Datasheet
42Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP53 SIEMENS-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP53 FAIRCHILD-BCP53 Datasheet
191Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - BCP53

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
2N5195 STMICROELECTRONICS-2N5195_00 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA1213 SECOS-2SA1213 Datasheet
289Kb / 3P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132 Datasheet
162Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188 Datasheet
638Kb / 2P
PNP Silicon Medium Power Transistor
2SB772Q SECOS-2SB772Q Datasheet
86Kb / 2P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132_10 Datasheet
177Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188_10 Datasheet
343Kb / 2P
PNP Silicon Medium Power Transistor
2SA94-C SECOS-2SA94-C Datasheet
259Kb / 2P
PNP Silicon Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com