Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX70K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCX70K
Description  Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCX70K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCX70K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCX70K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BCX70K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BCX70K
NPN Silicon
Plastic-Encapsulate Transistor
26-Oct-2009 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Current
Low Voltage
MARKING : AK
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
45
V
Collector - Emitter Voltage
VCEO
45
V
Emitter - Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
200
mA
Collector Power Dissapation
PC
250
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC=10µA, IE =0
V(BR)CBO
45
V
Collector-Emitter Breakdown Voltage
IC=2mA, IB =0
V(BR)CEO
45
V
Emitter-Base Breakdown Voltage
IE=1µA, IC =0
V(BR)EBO
5
V
Collector Cut-Off Current
VCE=45V, VBE =0
ICES
20
nA
VCE=5V, IC=10µA
hFE1
100
VCE=5V, IC=2mA
hFE2
380
630
DC Current Gain
VCE=1V, IC=50mA
hFE3
100
IC =10mA, IB =0.25mA
VCE(sat)1
0.05
0.35
V
Collector-Emitter Saturation Voltage
IC =50mA, IB =1.25mA
VCE(sat)2
0.1
0.55
V
IC=10mA, IB=-0.25mA
VBE(sat)1
0.6
0.85
V
Base-Emitter Saturation Voltage
IC=50mA, IB=1.25mA
VBE(sat)2
0.7
1.05
V
Base-Emitter Voltage
VCE=5V, IC=2mA
VBE
0.55
0.75
V
Collector Output Capacitance
VCB=10V, IE =0, f =1MHz
COB
1.7
pF
Noise Figure
VCE=5V,IC=200µA,f=1KHZ,
BW=200HZ,RS=2KΩ
NF
6
dB
Gain-Bandwidth Product
VCE =5V, IC=10mA,f=100MHz
FT
100
250
MHz
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - BCX70K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70K PHILIPS-BCX70K Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 15
logo
Samsung semiconductor
BCX70K SAMSUNG-BCX70K Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCX70K SIEMENS-BCX70K Datasheet
282Kb / 9P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCX70K FAIRCHILD-BCX70K Datasheet
75Kb / 3P
NPN Epitaxial Silicon Transistor
logo
General Semiconductor
BCX70K GE-BCX70K Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
More results

Similar Description - BCX70K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
C945T SECOS-C945T Datasheet
524Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BCX70K SECOS-BCX70K_15 Datasheet
473Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20_15 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com