Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC80AIPW
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80AIPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC80AIPW Datasheet HTML 4Page - Texas Instruments AMC80AIPW Datasheet HTML 5Page - Texas Instruments AMC80AIPW Datasheet HTML 6Page - Texas Instruments AMC80AIPW Datasheet HTML 7Page - Texas Instruments AMC80AIPW Datasheet HTML 8Page - Texas Instruments AMC80AIPW Datasheet HTML 9Page - Texas Instruments AMC80AIPW Datasheet HTML 10Page - Texas Instruments AMC80AIPW Datasheet HTML 11Page - Texas Instruments AMC80AIPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
50
45
40
35
30
25
20
15
10
5
0
5.5
5
4.5
4
3.5
3
2.5
V+(V)
220
200
180
160
140
120
100
5.5
5
4.5
4
3.5
3
2.5
V+(V)
240
220
200
180
160
140
120
100
5.5
5
4.5
4
3.5
3
2.5
V+(V)
45
40
35
30
25
20
15
10
5
0
5.5
5
4.5
4
3.5
3
2.5
V+(V)
0.16
0.12
0.08
0.04
5.5
5
4.5
4
3.5
3
2.5
V+(V)
AMC80
SBOS559
– MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 3 V to 5.5 V, unless otherwise noted.
AVERAGE QUIESCENT CURRENT
QUIESCENT CURRENT DURING VOLTAGE CONVERSION
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 3.
Figure 4.
QUIESCENT CURRENT DURING SHUTDOWN
QUIESCENT CURRENT DURING TEMPERATURE
CONVERSION vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
TEMPERATURE ERROR
vs SUPPLY VOLTAGE
Figure 7.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com