Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC80AIPW
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80AIPW Datasheet(HTML) 1 Page - Texas Instruments

  AMC80AIPW Datasheet HTML 1Page - Texas Instruments AMC80AIPW Datasheet HTML 2Page - Texas Instruments AMC80AIPW Datasheet HTML 3Page - Texas Instruments AMC80AIPW Datasheet HTML 4Page - Texas Instruments AMC80AIPW Datasheet HTML 5Page - Texas Instruments AMC80AIPW Datasheet HTML 6Page - Texas Instruments AMC80AIPW Datasheet HTML 7Page - Texas Instruments AMC80AIPW Datasheet HTML 8Page - Texas Instruments AMC80AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Temperature
Sensor
Limit
Registers
and
Alarm
Comparators
Interrupt
Masking
and
Interrupt
Control
InterfaceandControl
AMC80
CH0
CH6
Analog
Inputs
TMP75
Temperature
Sensor
Chassis
Intrusion
Detector
GPI(CI)
INT_IN
BTI
A0/NTEST_OUT
SDA
SCL
A1
A2
CH1
CH2
CH3
CH4
CH5
GPO
INT
RST_OUTOS
/
Interrupt
Outputs
Serial
Bus
Interface
10-Bit
Delta-Sigma
ADC
V+
Positive
Voltage
Negative
Voltage
FanSpeed
Counter
FAN1
FAN2
NTEST_INRESET_IN
/
Digital
Inputs
and
Outputs
AMC80
www.ti.com
SBOS559
– MAY 2011
System Hardware Monitor with Two-Wire/SMBus Serial Interface
Check for Samples: AMC80
1
FEATURES
2
•
10-bit ADC with Seven Analog Inputs
•
Storage Area Networks
•
Fan-Speed Monitoring Inputs
•
Set-Top Boxes
•
Input Range/Resolution:
•
Test and Measurement Equipment
– Default: 2.56 V/2.5 mV
DESCRIPTION
– Programmable: VDD/6 mV
The AMC80 is a system hardware monitoring and
•
Chassis Intrusion Detection Input
control circuit that includes a seven-channel, 10-bit
•
Interrupt Alarms:
analog-to-digital converter (ADC), two programmable
fan-speed monitors, and a two-wire interface. The
– Upper Over-Limit
AMC80 also includes programmable upper over-limit
– Lower Under-Limit
and lower under-limit alarms that activate when the
•
Interrupt Status Register Input for External
programmed limits are exceeded.
Temperature Sensors
The AMC80 can interface with both linear and digital
•
Shutdown Mode
temperature sensors. The 2.5-mV least significant bit
•
Programmable RST_OUT/OS
(LSB) and 2.56-V input range can accept inputs from
a linear sensor such as the TMP20. The BTI pin is
•
Pin Compatible with LM96080 and LM80
used as an input from a digital sensor such as the
•
Package: 24-Pin TSSOP
TMP75. The AMC80 operates from a 3-V to 5.5-V
supply voltage, has low supply current, and can be
APPLICATIONS
configured using a two-wire interface, thus making it
ideal for a wide range of applications.
•
Communications Equipment
•
Servers
The AMC80 is available in a 24-lead TSSOP package
and is fully specified over the
–40°C to +125°C
•
Industrial and Medical Equipment
temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC80AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC80AIPW TI2-AMC80AIPW Datasheet
506Kb / 31P
AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
REVISED OCTOBER 2015
AMC80AIPWR TI2-AMC80AIPWR Datasheet
506Kb / 31P
AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
REVISED OCTOBER 2015
AMC80AIPWR.A TI2-AMC80AIPWR.A Datasheet
506Kb / 31P
AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
REVISED OCTOBER 2015
More results

Similar Description - AMC80AIPW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com