Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDSCT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 35Page - Texas Instruments DAC8563SDSCT Datasheet HTML 36Page - Texas Instruments DAC8563SDSCT Datasheet HTML 37Page - Texas Instruments DAC8563SDSCT Datasheet HTML 38Page - Texas Instruments DAC8563SDSCT Datasheet HTML 39Page - Texas Instruments DAC8563SDSCT Datasheet HTML 40Page - Texas Instruments DAC8563SDSCT Datasheet HTML 41Page - Texas Instruments DAC8563SDSCT Datasheet HTML 42Page - Texas Instruments DAC8563SDSCT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
R
G
R
´
G
R
´
R
V
OUT
V
REFOUT
DAC8562
OPA140
5.5V
18V
–18V
–
+
IN
OUT
REFOUT
D
V
= G × V
2 ×
1
65,536
æ
ö
-
ç
÷
è
ø
IN
OUT
D
V
= 20 ×
10 V
65,536
-
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
UP TO
±15-V BIPOLAR OUTPUT USING THE DAC8562
The DAC8562 is designed to be operate from a single power supply providing a maximum output range of AVDD
volts. However, the DAC can be placed in the configuration shown in Figure 95 in order to be designed into
bipolar systems. Depending on the ratio of the resistor values, the output of the circuit can range anywhere from
±5 V to ±15 V. The design example below shows that the DAC is configured to have its internal reference
enabled and the DAC8562 internal gain set to two, however, an external 2.5-V reference could also be used
(with DAC8562 internal gain set to two).
Figure 95. Bipolar Output Range Circuit Using DAC8562
The transfer function shown in Equation 5 can be used to calculate the output voltage as a function of the DAC
code, reference voltage and resistor ratio:
(5)
where:
DIN = decimal equivalent of the binary code that is loaded to the DAC register, ranging from 0 to 65,535 for
aaa DAC8562 (16 bit).
VREFOUT = reference output voltage with the internal reference enabled from the DAC VREFIN/VREFOUT pin
G = ratio of the resistors
An example configuration to generate a
±10-V output range is shown below in Equation 6 with G = 4 and
VREFOUT = 2.5 V:
(6)
In this example, the range is set to
±10 V by using a resistor ratio of four, VREFOUT of 2.5 V, and DAC8562
internal gain of two. The resistor sizes must be selected keeping in mind the current sink/source capability of the
DAC8562 internal reference. Using larger resistor values, for example R = 10 k
Ω or larger is recommended. The
op amp is selectable depending on the requirements of the system.
The DAC8562EVM and DAC7562EVM boards have the option to evaluate the bipolar output application by
installing the components on the pre-placed footprints. For more information see either the DAC8562EVM or
DAC7562EVM product folder.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com