Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDSCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT Datasheet(HTML) 1 Page - Texas Instruments

  DAC8563SDSCT Datasheet HTML 1Page - Texas Instruments DAC8563SDSCT Datasheet HTML 2Page - Texas Instruments DAC8563SDSCT Datasheet HTML 3Page - Texas Instruments DAC8563SDSCT Datasheet HTML 4Page - Texas Instruments DAC8563SDSCT Datasheet HTML 5Page - Texas Instruments DAC8563SDSCT Datasheet HTML 6Page - Texas Instruments DAC8563SDSCT Datasheet HTML 7Page - Texas Instruments DAC8563SDSCT Datasheet HTML 8Page - Texas Instruments DAC8563SDSCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DAC756x
DAC816x
DAC856x
(12-Bit)
(14-Bit)
(16-Bit)
Data Buffer A
DAC Register A
Buffer Control
Register Control
Control Logic
Power-
Down
Control
Logic
AV
DD
V
REFIN
REFOUT
/
V
CLR
LDAC
2.5-V
Reference
Data Buffer B
DAC Register B
V
B
OUT
V
A
OUT
GND
DAC
DAC
Input Control Logic
SYNC
SCLK
D
IN
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
DAC WITH 2.5-V, 4-PPM/
°C INTERNAL REFERENCE IN SMALL 3-MM × 3-MM QFN
Check for Samples: DAC8562, DAC8563, DAC8162, DAC8163, DAC7562, DAC7563
1
FEATURES
DESCRIPTION
The
DAC856x,
DAC816x,
and
DAC756x
are
23
•
Relative Accuracy:
low-power, voltage-output, dual-channel, 16-, 14-,
– DAC856x (16-Bit): 4 LSB INL
and
12-bit
digital-to-analog
converters
(DACs),
– DAC816x (14-Bit): 1 LSB INL
respectively.
These
devices
include
a
2.5-V,
– DAC756x (12-Bit): 0.3 LSB INL
4-ppm/
°C internal reference, giving a full-scale output
voltage range of 2.5 V or 5 V. The internal reference
•
Glitch Energy: 0.1 nV-s
has an initial accuracy of
±5 mV and can source or
•
Bidirectional Reference: Input or 2.5-V Output
sink up to 20 mA at the VREFIN/VREFOUT pin.
– Output Disabled by Default
These devices are monotonic, providing excellent
– ±5-mV Initial Accuracy (Max)
linearity
and
minimizing
undesired
code-to-code
– 4-ppm/°C Temperature Drift (Typ)
transient voltages (glitch). They use a versatile
– 10-ppm/°C Temperature Drift (Max)
three-wire serial interface that operates at clock rates
– 20-mA Sink/Source Capability
up to 50 MHz. The interface is compatible with
standard SPI
™, QSPI™, Microwire™, and digital
•
Power-On Reset to Zero Scale or Mid-Scale
signal processor (DSP) interfaces. The DACxx62
•
Low-Power: 4 mW (Typ, 5-V AVDD, Including
devices incorporate a power-on-reset circuit that
Internal Reference Current)
ensures the DAC output powers up at zero scale until
•
Wide Power-Supply Range: 2.7 V to 5.5 V
a valid code is written to the device, whereas the
•
50-MHz SPI With Schmitt-Triggered Inputs
DACxx63s similarly power up at mid-scale. These
•
LDAC and CLR Functions
devices contain a power-down feature that reduces
current consumption to typically 10 nA at 5 V. The
•
Output Buffer With Rail-to-Rail Operation
low power consumption, internal reference, and small
•
Packages: QFN-10 (3x3 mm), MSOP-10
footprint make these devices ideal for portable,
•
Temperature Range:
–40°C to 125°C
battery-operated equipment.
The
DACxx62
devices
are
drop-in
and
APPLICATIONS
function-compatible with each other, as are the
•
Portable Instrumentation
DACxx63s. The entire family is available in MSOP-10
•
Bipolar Outputs (reference design)
and QFN-10 packages.
•
PLC Analog Output Module (reference design)
Table 1. RELATED DEVICES
•
Closed-Loop Servo Control
16-BIT
14-BIT
12-BIT
•
Voltage Controlled Oscillator Tuning
Reset to zero
DAC8562
DAC8162
DAC7562
•
Data Acquisition Systems
Reset to mid-scale
DAC8563
DAC8163
DAC7563
•
Programmable Gain and Offset Adjustment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8563SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8563SDSCT TI1-DAC8563SDSCT Datasheet
1Mb / 58P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8563SDSCT TI1-DAC8563SDSCT Datasheet
1Mb / 60P
Internal Reference
DAC8563SDSCT TI2-DAC8563SDSCT Datasheet
2Mb / 63P
DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
REVISED JUNE 2015
DAC8563SDSCT.A TI2-DAC8563SDSCT.A Datasheet
2Mb / 63P
DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
REVISED JUNE 2015
More results

Similar Description - DAC8563SDSCT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com