Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT77N60SC6 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT77N60SC6
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT77N60SC6 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT77N60SC6 Datasheet HTML 1Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 2Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 3Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 4Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APT77N60BC6
APT77N60SC6
600V
77A 0.041
Ω
• Ultra Low R
DS(ON)
• Low Miller Capacitance
• Ultra Low Gate Charge, Qg
• Avalanche Energy Rated
• Extreme dv/dt Rated
• Popular TO-247 or Surface Mount D
3 package.
Super Junction MOSFET
C
Power Semiconductors
O
O LMOS
G
D
S
TO-247
D3PAK
MAXIMUM RATINGS
All Ratings per die: T
C = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
STATIC ELECTRICAL CHARACTERISTICS
"COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trade-
mark of Infineon Technologies AG."
Microsemi Website - http://www.microsemi.com
Symbol
Parameter
APT77N60B_SC6
UNIT
V
DSS
Drain-Source Voltage
600
Volts
I
D
Continuous Drain Current @ T
C = 25°C
77
Amps
Continuous Drain Current @ T
C = 100°C
49
I
DM
Pulsed Drain Current 1
272
V
GS
Gate-Source Voltage Continuous
±
20
Volts
P
D
Total Power Dissipation @ T
C = 25°C
481
Watts
T
J,TSTG
Operating and Storage Junction Temperature Range
- 55 to 150
°C
T
L
Lead Temperature: 0.063" from Case for 10 Sec.
300
I
AR
Avalanche Current 2
13.4
Amps
E
AR
Repetitive Avalanche Energy 2 ( Id =13.4A, Vdd = 50V )
2.96
mJ
E
AS
Single Pulse Avalanche Energy
( Id = 13.4A, Vdd = 50V )
1954
Symbol
Characteristic / Test Conditions
MIN
TYP
MAX
UNIT
BV
(DSS)
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250μA)
600
Volts
R
DS(on)
Drain-Source On-State Resistance 3 (V
GS = 10V, ID = 44.4A)
.037
.041
Ohms
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V, TC = 25°C)
25
μA
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V, TC = 150°C)
250
I
GSS
Gate-Source Leakage Current (V
GS = ±20V, VDS = 0V)
±100
nA
V
GS(th)
Gate Threshold Voltage (V
DS = VGS, ID = 2.96mA)
2.5
3
3.6
Volts


Similar Part No. - APT77N60SC6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT77N60BC6 ISC-APT77N60BC6 Datasheet
420Kb / 2P
isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT77N60JC3 ADPOW-APT77N60JC3 Datasheet
180Kb / 5P
Super Junction MOSFET
logo
Microsemi Corporation
APT77N60JC3 MICROSEMI-APT77N60JC3 Datasheet
263Kb / 5P
Super Junction MOSFET
APT77N60JC3 MICROSEMI-APT77N60JC3 Datasheet
185Kb / 5P
Super Junction MOSFET
APT77N60JC3 MICROSEMI-APT77N60JC3_09 Datasheet
185Kb / 5P
Super Junction MOSFET
More results

Similar Description - APT77N60SC6

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11N80BC3 ADPOW-APT11N80BC3 Datasheet
162Kb / 5P
Super Junction MOSFET
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
Super Junction MOSFET
APT31N80JC3 ADPOW-APT31N80JC3 Datasheet
178Kb / 5P
Super Junction MOSFET
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
Super Junction MOSFET
logo
Microsemi Corporation
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
Super Junction MOSFET
APT47N65BC3 MICROSEMI-APT47N65BC3 Datasheet
184Kb / 5P
Super Junction MOSFET
logo
Wuxi NCE Power Semicond...
NCE11N65 NCEPOWER-NCE11N65 Datasheet
614Kb / 9P
Super Junction MOSFET
logo
Microsemi Corporation
APT60N60BCS MICROSEMI-APT60N60BCS Datasheet
224Kb / 5P
Super Junction MOSFET
APT47N65SC3 MICROSEMI-APT47N65SC3 Datasheet
493Kb / 6P
Super Junction MOSFET
Rev C 6-2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com