Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT77N60SC6 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT77N60SC6
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT77N60SC6 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT77N60SC6 Datasheet HTML 1Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 2Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 3Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 4Page - Microsemi Corporation APT77N60SC6 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DYNAMIC CHARACTERISTICS
APT77N60B_SC6
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
1 Repetitive Rating: Pulse width limited by maximum junction temperature
2 Repetitive avalanche causes additional power losses that can be calculated as
PAV = EAR*f . Pulse width tp limited by Tj max.
3 Pulse Test: Pulse width < 380 μs, Duty Cycle < 2%
4 See MIL-STD-750 Method 3471
5 Eon includes diode reverse recovery.
6 Maximum 125°C diode commutation speed = di/dt 600A/μs
Symbol Characteristic
Test Conditions
MIN
TYP
MAX
UNIT
C
iss
Input Capacitance
V
GS = 0V
V
DS = 25V
f = 1 MHz
13600
pF
C
oss
Output Capacitance
4400
C
rss
Reverse Transfer Capacitance
290
Q
g
Total Gate Charge 4
V
GS = 10V
V
DD = 400V
I
D = 77A @ 25°C
260
nC
Q
gs
Gate-Source Charge
38
Q
gd
Gate-Drain ("Miller") Charge
144
t
d(on)
Turn-on Delay Time
INDUCTIVE SWITCHING
V
GS = 10V
V
DD = 380V
I
D = 77A @ 25°C
R
G = 5.0Ω
18
ns
t
r
Rise Time
27
t
d(off)
Turn-off Delay Time
110
165
t
f
Fall Time
812
E
on
Turn-on Switching Energy 5
INDUCTIVE SWITCHING @ 25°C
V
DD = 400V, VGS = 15V
I
D = 77A, RG = 5Ω
1670
μJ
E
off
Turn-off Switching Energy
2880
E
on
Turn-on Switching Energy 5
INDUCTIVE SWITCHING @ 125°C
V
DD = 400V, VGS = 15V
I
D = 77A, RG = 5Ω
2300
E
off
Turn-off Switching Energy
3100
Symbol
Characteristic / Test Conditions
MIN
TYP
MAX
UNIT
I
S
Continuous Source Current (Body Diode)
77
Amps
I
SM
Pulsed Source Current 1 (Body Diode)
231
V
SD
Diode Forward Voltage 3 (V
GS = 0V, IS = -77A)
1
1.2
Volts
dv
/
dt
Peak Diode Recovery dv/
dt
6
15
V/ns
t
rr
Reverse Recovery Time
(I
S = -77A,
di
/
dt = 100A/μs)
T
j = 25°C
950
ns
Q
rr
Reverse Recovery Charge
(I
S = -77A,
di
/
dt = 100A/μs)
T
j = 25°C
32
μC
I
RRM
Peak Recovery Current
(I
S = -77A,
di
/
dt = 100A/μs)
T
j = 25°C
60
Amps
Symbol
Characteristic
MIN
TYP
MAX
UNIT
R
θJC
Junction to Case
0.26
°C/W
R
θJA
Junction to Ambient
40
0
0.05
0.10
0.15
0.20
0.25
0.30
10-5
10-4
10-3
10-2
0.1
1
0.3
D = 0.9
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 1, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
0.5
0.1
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com