Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB202S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB202S
Description  2.0 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB202S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB202S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB202S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB201S ~ DB207S
VOLTAGE 50 V ~ 1000 V
2.0 Amp Surface Mount Bridge Rectifiers
Elektronische Bauelemente
01-Sep-2010 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop, high current capability
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
results in inexpensive products
Lead tin Pb / Sn copper
The plastic material has UL flammability classification 94V-0
MECHANICAL DATA
Polarity: As marked on Body
Weight:0.02 ounces, 0.38 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PARAMETERS
SYMBOL
DB
201S
DB
202S
DB
203S
DB
204S
DB
205S
DB
206S
DB
207S
UNIT
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRMS
VDC
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
Maximum Average Forward Rectified Current
@TA=40℃
I(AV)
2.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
60
A
Maximum Forward Voltage at 1.5 A DC
VF
1.1
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
IR
10
500
uA
I
2t Rating for Fusing (t<8.3ms)
I
2t
10.4
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
25
pF
Typical Thermal Resistance (Note2)
RθJA
40
℃
/W
Operating and Storage temperature range
TJ, TSTG
-55 ~ 150
℃
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
2. Thermal resistance from junction to ambient mounted on P.C.B. with 0.5*0.5"(13*13mm) copper pads.
DB-1S
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
8.20
8.80
F
5.00
5.20
B
10.0
10.3
J
0.95
1.20
C
7.80
8.50
L
0.20
0.35
D
3.15
3.40
M
1.40
1.60
E6.20
6.50
J
F
L
M
D
E
A
C
B
+
-
~
~


Similar Part No. - DB202S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB202S SECOS-DB202S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Rectron Semiconductor
DB202S RECTRON-DB202S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Shenzhen Luguang Electr...
DB202S LUGUANG-DB202S Datasheet
164Kb / 2P
Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
DB202S KISEMICONDUCTOR-DB202S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results

Similar Description - DB202S

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
S2AA UNIOHM-S2AA Datasheet
65Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB201S GWSEMI-DB201S Datasheet
66Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S_15 Datasheet
104Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
QG201B SECOS-QG201B_15 Datasheet
191Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
S2A DYELEC-S2A Datasheet
1Mb / 2P
2.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
logo
SeCoS Halbleitertechnol...
TF201S SECOS-TF201S Datasheet
206Kb / 2P
Voltage 100V ~ 1000V 2.0 Amp Surface Mount Bridge Rectifiers
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
2014/12/3
logo
Central Semiconductor C...
CBRDFSH2-40 CENTRAL-CBRDFSH2-40 Datasheet
806Kb / 6P
SURFACE MOUNT 2.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com