Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6380 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST6380
Description  Schottky MiniMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST6380 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST6380 Datasheet HTML 1Page - Microsemi Corporation FST6380 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Electrical Characteristics
F(AV) 60 Amps
F(AV) 30 Amps
R(OV)
2 Amps
Schottky MiniMod
*Add the Suffix A for Common Anode, D for Doubler
FST6380 - FST63100
FSM 600 Amps
FM 0.60 Volts
FM 0.82 Volts
RM
20 mA
RM
1.5 mA
J
1000 pF
0JC
Max thermal resistance per leg
Typical thermal resistance (greased)
Mounting Base Torque
Weight
Max thermal resistance per pkg
0JC
0CS
R
R
Typical junction capacitance per leg
Max reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max repetitive peak reverse current per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Max peak reverse current per leg
Operating junction temp range
Storage temp range
STG
J
T
R
T
C
I
V
V
I
I
I
I
I
Microsemi
Catalog Number
FST6380*
FST63100*
FST6390*
Working
Peak Reverse
Voltage
100V
80V
90V
C = 150°C, Square wave,
0JC = 0.5°C/W
C = 150°C, Square wave,
0JC = 1.0°C/W
1.0°C/W
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
Case to sink
Junction to case
0.5°C/W
0.3°C/W
R = 5.0V,
C = 25°C
RRM,
J = 25°C
T
FM = 30A:
J = 25°C*
FM = 30A:
J = 175°C*
RRM,
J = 125°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3 ms, half sine,
J = 175°C
Junction to case
-55°C to 175°C
-55°C to 175°C
V
V
T
I
V
I
T
T
T
T
T
T
R
R
Peak Reverse
Repetitive
Voltage
100V
80V
90V
D=Doubler
A=Common Anode
Common Cathode
3 PINS eq sp at .200
N 2-PLCS.
Note: Baseplate Common with Pin 2
C
K
G
M
H
L
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Dia.
Notes
9.40
8.89
.350
E
.370
1.510
.715
.098
.260
.135
.480
.161
.025
.046
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.034
.088
.240
.115
1.490
.695
3.84
0.38
11.68
0.86
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
1.17
38.35
18.16
2.49
6.60
3.43
Maximum
1.195
.035
Dim. Inches
3
C
A
Minimum
1.180
.025
Millimeter
Minimum
29.97
0.64
Maximum
30.35
0.89
63CNQ100
63CNQ080
Part Number
Industry
V
- 80 to 100 Volts
RRM
Reverse Energy Tested
Schottky Barrier Rectifier
Guard Ring Protection
2X30 Amperes avg.
175°C Junction Temperature
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST6380

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST6380 MICROSEMI-FST6380 Datasheet
141Kb / 2P
Schottky MiniMod
logo
TRANSYS Electronics Lim...
FST6380L TEL-FST6380L Datasheet
147Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6380M TEL-FST6380M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
logo
GeneSiC Semiconductor, ...
FST6380M GENESIC-FST6380M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
FST6380SL TEL-FST6380SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
More results

Similar Description - FST6380

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8035 MICROSEMI-FST8035 Datasheet
142Kb / 2P
Schottky MiniMod
FST8080 MICROSEMI-FST8080 Datasheet
140Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130 Datasheet
142Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM Datasheet
129Kb / 2P
Schottky MiniMod
FST6450 MICROSEMI-FST6450 Datasheet
143Kb / 2P
Schottky MiniMod
FST6230 MICROSEMI-FST6230_10 Datasheet
130Kb / 2P
Schottky MiniMod
FST6435 MICROSEMI-FST6435_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130_10 Datasheet
121Kb / 2P
Schottky MiniMod
FST8230 MICROSEMI-FST8230_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM_10 Datasheet
123Kb / 2P
Schottky MiniMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com