Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT491 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT491
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT491 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT491 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT491 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBT491
NPN Silicon
General Purpose Transistor
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low equivalent on-resistance
MARKING:
491
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
1
A
Collector Power Dissipation
PC
500
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
80
-
V
IC=100μA,IE=0
Collector-emitter breakdown voltage
V(BR)CEO
1
60
-
V
IC=10mA,IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
V
IE=100μA,IC=0
Collector cut-off current
ICBO
-
0.1
μA
VCB=60V, IE=0
Emitter cut-off current
IEBO
-
0.1
μA
VEB=4V, IC=0
hFE(1)
100
-
VCE=5V,IC=1mA
hFE(2)
1
100
300
VCE=5V,IC=500mA
hFE(3)
1
80
-
VCE=5V,IC=1A
DC current gain
hFE(4)
1
30
-
VCE=5V,IC=2A
VCE(sat)1
1
-
0.25
V
IC=500mA, IB=50mA
Collector-emitter saturation voltage
VCE(sat)2
1
-
0.5
V
IC=1A, IB=100mA
VBE(sat)
1
-
1.1
V
IC=1A, IB=100mA
Base-emitter saturation voltage
VBE
1
-
1
V
IC=1A, VCE=5V
Transition frequency
f T
150
MHz
VCE = 10V, IC = 50mA, f = 100MHz
Output Capacitance
COB
-
10
pF
VCB = 10V, f = 1.0MHz, IE = 0
Note: 1. Measured under pulsed conditions, Pulse width = 300 μs, Duty cycle ≤ 2%.
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - MMBT491

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT491A SEMTECH_ELEC-MMBT491A Datasheet
208Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Goodwork Semiconductor ...
MMBT491A GWSEMI-MMBT491A Datasheet
1Mb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
MMBT491 SECOS-MMBT491_15 Datasheet
120Kb / 2P
General Purpose Transistor
More results

Similar Description - MMBT491

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com