Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT491 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT491
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT491 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT491 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT491 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MMBT491
NPN Silicon
General Purpose Transistor
01-June-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES
10A
1A
10mA
100mA
1mA
VCE(sat) vs
IC
IC- Collector Current
IC-Collector Current
VBE(sat) vs
IC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
10A
1A
hFE vs
IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
100
0
300
200
400
10mA
1mA
IC- Collector Current
VBE(on)
vs IC
100mA
1A
10A
0.6
0.8
1.0
1.2
0.4
0.2
0
IC-Collector Current
VCE(sat) vs IC
1mA
0
0.1
100mA
10mA
0.2
0.3
0.4
0.5
10A
1A
10
1
0.1
Safe Operat ing Area
VCE - Collector Emitter Voltage (V)
0.1V
10V
100V
1V
0
1mA
0.01
0.6
0.1
0.2
0.3
0.4
0.5
0.6
IC / IB = 10
+ 25 C
IC / IB = 50
IC / IB = 10
IC / IB = 10
- 55 C
+ 25 C
+ 100 C
- 55 C
+ 25 C
+ 100 C
- 55 C
+ 25 C
+ 100 C
+ 25 C
- 55 C
+ 100 C
VCE = 5 V
VCE = 5 V
DC
1 s
100 ms
10 ms
1 ms
100 s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com