Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT591 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT591
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT591 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT591 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT591 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBT591
PNP Silicon
General Purpose Transistor
Power dissipation
PCM : 0.5 W
Collector Current
ICM : -1 A
Collector-base voltage
FEATURES
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
V(BR)CBO : -80 V
Operating & storage junction temperature
Tj, Tstg : - 55
O
C ~ + 150
O
C
3
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-
100μA,IE=0
-80
V
Collector-emitter breakdown voltage
V(BR)CEO
1
Ic=-
10mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-0.1
μA
hFE(1)
VCE=-5V,IC=-1mA
100
hFE(2)
1
VCE=-5V,IC=-500mA
100
300
hFE(3)
1
VCE=-5V,IC=-1A
80
DC current gain
hFE(4)
1
VCE=-5V,IC=-2A
15
VCE(sat)1
1
IC=-500mA,IB=-50mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)2
1
IC=-1A,IB=-100mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
1
IC=-1A,IB=-100mA
-1.2
V
Base-emitter voltage
VBE
1
VCE=-5V,IC=-1A
-1
V
Transition frequency
fT
VCE=-10V,IC=-50mA,,f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=-10V,f=1MHz
10
pF
1Measured under pulsed conditions,Pulse width=300μs, Duty cycle≤2%.
Marking: 591
COLLECTOR
3
1
BASE
2
EMITTER
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBT591

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT591A SEMTECH_ELEC-MMBT591A Datasheet
157Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
MMBT591 SECOS-MMBT591_15 Datasheet
467Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - MMBT591

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com