Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT591 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT591
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT591 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT591 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT591 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
MMBT591
PNP Silicon
General Purpose Transistor
10A
1A
10mA
100mA
1mA
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VCE(sat) v IC
1mA
0
0.1
100mA
10mA
0.2
0.3
0.4
0.5
10A
1A
0
0.6
0.1
0.2
0.3
0.4
0.5
0.6
IC-Collector Current
VBE(sat) v IC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
100
0
300
200
400
10mA
1mA
IC-Collector Current
100mA
1A
10A
0.6
0.8
1.0
1.2
0.4
0.2
0
10
1
0.1
VCE- Collector Emitter Voltage (V)
0.1V
10V
100V
1V
1mA
0.01
+25C
o
IC/IB=10
IC/IB=50
IC/IB=10
+25C
o
-55C
o
+100C
o
+25C
o
-55C
o
+100C
o
+25C
o
-55C
o
+100C
o
-55C
o
+25C
o
+100C
o
IC/IB=10
VCE=5V
VCE=5V
DC
1s
100ms
10ms
1ms
100us
http://www.SeCoSGmbH.com
Elektronische Bauelemente
TYPICAL CHARACTERISTICS
V BE(on) v IC
S afe Operating Area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com