Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP123A Datasheet(PDF) 3 Page - Seme LAB

Part # IP123A
Description  3 AMP POSITIVE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP123A Datasheet(HTML) 3 Page - Seme LAB

  IP123A Datasheet HTML 1Page - Seme LAB IP123A Datasheet HTML 2Page - Seme LAB IP123A Datasheet HTML 3Page - Seme LAB IP123A Datasheet HTML 4Page - Seme LAB IP123A Datasheet HTML 5Page - Seme LAB IP123A Datasheet HTML 6Page - Seme LAB IP123A Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
11.5
12
12.5
11.4
12.6
60
150
14
3.0
3.0
75
52
72
48
3
4
84
2
4
TBA
11.88
12
12.12
11.64
12.36
36
75
10
1.5
1.5
75
58
72
52
3
4
84
1.5
2.5
3
4
TBA
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
VO
Output Voltage
∆V
O
Line Regulation
∆V
O
Load Regulation
IQ
Quiescent Current
∆I
Q
Quiescent Current
Change
VN
Output Noise
Voltage
∆V
IN
Ripple Rejection
∆V
O
ISC
Short Circuit Current
Ipk
Peak Output Current
Long Term Stability
RθJC Thermal Resistance
Junction to Case
IP123A–12
IP123–12
IP323A–12
LM123–12
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
V
V
mV
mV
mA
mA
mA
µVrm
dB
A
A
mV
°C/W
IO = 1A
VIN = 14.8V
POUT ≤ PMAX 2
VIN = 15.4V to 22V
IO = 5mA to 3A
TJ = Over Temp. Range 1
IO = 1A
VIN = 14.8V to 22V
TJ = Over Temp. Range 1
VIN = 15.4V
IO = 5mA to 3A
TJ = Over Temp. Range 1
VIN = 15.4V
IO = 5mA to 3A
TJ = Over Temp. Range 1
VIN = 15.4V
IO = 5mA to 3A
TJ = Over Temp. Range 1
IO = 1A
VIN = 14.8V to 22V
TJ = Over Temp. Range 1
f = 10Hz to 100kHz
f = 120Hz
VIN = 15.4V to 25.4V
IO = 1A
TJ = Over Temp. Range 1
VIN = 15.4V
VIN = 15.4V
K Package , V Package
G Package , T Package
SG Package
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP123A / IP123 / LM123
TJ =
0 to +125°C for IP323A
All other specifications apply at TJ = 25°C unless otherwise stated.
2) PMAX = 30W for K–Pack (TO–3) , V–Pack (TO–218) and G–Pack (TO–257) Packages.
PMAX = 25W for T–Pack (TO–220) Package.
PMAX = 15W for SG–Pack (TO–220SM) Package.
3) All characteristics are measured with a capacitor across the input of 0.22
µF and a capacitor across the output of 0.1µF.
4) All characteristics except noise voltage and ripple rejection ratios are measured using pulse techniques (tp ≤ 10ms , δ ≤ 5%).
5) Output voltage changes due to changes into internal temperature must be taken into account separately.
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com