Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP123A Datasheet (PDF) - Seme LAB

IP123A Datasheet PDF - Seme LAB
Part # IP123A
Download  IP123A Download
File Size   65.47 Kbytes
Page   7 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP POSITIVE VOLTAGE REGULATORS

IP123A Datasheet (PDF)

Go To PDF Page Download Datasheet
IP123A Datasheet PDF - Seme LAB

Part # IP123A
Download  IP123A Click to download

File Size   65.47 Kbytes
Page   7 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP POSITIVE VOLTAGE REGULATORS

IP123A Datasheet (HTML) - Seme LAB


IP123A Product details

FEATURES
 • 0.04%/V LINE REGULATION
 • 0.3%/A LOAD REGULATION
 • THERMAL OVERLOAD PROTECTION
 • SHORT CIRCUIT PROTECTION
 • SAFE OPERATING AREA PROTECTION
 • 1% TOLERANCE
 • START–UP WITH NEGATIVE VOLTAGE (± SUPPLIES) ON OUTPUT
 • AVAILABLE IN 5V, 12V AND 15V OPTIONS




Similar Part No. - IP123A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP12 BEL-IP12 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Seme LAB
IP120 SEME-LAB-IP120 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-05 SEME-LAB-IP120-05 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-05 SEME-LAB-IP120-05 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Similar Description - IP123A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
0.25 AMP POSITIVE VOLTAGE REGULATORS
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com