Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP323A Datasheet(PDF) 1 Page - Seme LAB

Part # IP323A
Description  3 AMP POSITIVE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP323A Datasheet(HTML) 1 Page - Seme LAB

  IP323A Datasheet HTML 1Page - Seme LAB IP323A Datasheet HTML 2Page - Seme LAB IP323A Datasheet HTML 3Page - Seme LAB IP323A Datasheet HTML 4Page - Seme LAB IP323A Datasheet HTML 5Page - Seme LAB IP323A Datasheet HTML 6Page - Seme LAB IP323A Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
Case – Ground
G Package – TO–257
1 23
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
3 AMP
POSITIVE
VOLTAGE REGULATORS
VI
DC Input Voltage
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature Range
TL
Lead Temperature (Soldering, 10 sec)
35V
Internally limited
See Ordering Information
–65°C to +150°C
300°C
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
FEATURES
• 0.04%/V LINE REGULATION
• 0.3%/A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• SAFE OPERATING AREA PROTECTION
• 1% TOLERANCE
• START–UP WITH NEGATIVE VOLTAGE
(± SUPPLIES) ON OUTPUT
• AVAILABLE IN 5V, 12V AND 15V OPTIONS
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
K Package – TO–3
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
Case – Ground
V Package – TO–218
12
3
123
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
SG Package – TO–220SM
CERAMIC SURFACE MOUNT
13
2
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
Case – Ground
T Package – TO–220
123


Similar Part No. - IP323A

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
IP323912-1 DBUNLIMITED-IP323912-1 Datasheet
659Kb / 1P
Released from Engineering
logo
Europa PLC
IP323F EUROPA-IP323F Datasheet
224Kb / 1P
IP44 Industrial Plugs
IP323P EUROPA-IP323P Datasheet
880Kb / 1P
IP44 Industrial Plugs
More results

Similar Description - IP323A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
0.25 AMP POSITIVE VOLTAGE REGULATORS
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com