Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA06
Description  Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA06 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBTA06
Plastic-Encapsulate Transistor
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Features
• NPN Silicon Epitaxial Planar Transistor for
switching and amplifier applications.
• As complementary type, the PNP tranistor MMBTA56 is
recommended.
• This transistor is also available in the TO-92 case with the
type designation MPSA06.
Mechanical Data
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
Marking Code: 1GM
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current
IC
500
mA
Power Dissipation at TA = 25°C
Ptot
277(1)
mW
300(2)
Thermal Resistance Junction to Ambiant Air
RθJA
450(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
Notes: Device on alumina substrate.
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 100
µA, IE = 0
80
—
—
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
80
—
—
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 100
µA, IC = 0
4.0
—
—
V
Collector-Emitter Cutoff Current
ICES
VCE = 60V, IB = 0
—
—
100
nA
Collector-Base Cutoff Current
ICBO
VCB = 80V, IE = 0
—
—
100
nA
Collector Saturation Voltage
VCEsat
IC = 100mA, IB = 10mA
—
—
0.25
V
Base-Emitter On Voltage
VBE(on)
IC = 100mA, VCE = 1V
—
—
1.2
V
DC Current Gain
hFE
VCE = 1V, IC = 10mA
100
—
—
—
VCE = 1V, IC = 100mA
100
—
—
—
Gain-Bandwidth Product
fT
VCE = 2V, IC = 10mA
100
—
—
MHz
f = 100MHz
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1. Base
2. Emitter
3.Collector
01-Jun-2004 Rev. B
Page 1 of 2


Similar Part No. - MMBTA06

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA06 TRSYS-MMBTA06 Datasheet
139Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA06 SAMSUNG-MMBTA06 Datasheet
28Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA06 FAIRCHILD-MMBTA06 Datasheet
149Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTA06 DIODES-MMBTA06 Datasheet
45Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. C-2
logo
General Semiconductor
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
More results

Similar Description - MMBTA06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
C945T SECOS-C945T Datasheet
524Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BCX70K SECOS-BCX70K_15 Datasheet
473Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20_15 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com