Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP140M Datasheet(PDF) 4 Page - Seme LAB

Part # IP140M
Description  0.5 AMP POSITIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP140M Datasheet(HTML) 4 Page - Seme LAB

  IP140M Datasheet HTML 1Page - Seme LAB IP140M Datasheet HTML 2Page - Seme LAB IP140M Datasheet HTML 3Page - Seme LAB IP140M Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VO
Output Voltage
DVO
Line Regulation
DVO
Load Regulation
IQ
Quiescent Current
DIQ
Quiescent Current
Change
VN
Output Noise
Voltage
DVIN
Ripple Rejection
DVO
Dropout Voltage
Isc
Short Circuit Current
Ipk
Peak Output Current
Average Temperature
Coefficient of VO
IP78M15A
IP78M15
IP140MA–15
IP140M–15
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
IO = 100mA
VIN = 23V
IO = 5mA to 350mA
PD £ PMAX
VIN = 18V to 30V
TJ = -55 to 150°C
VIN = 17.5V to 30V
IO = 200mA
VIN = 20V to 30V
TJ = -55 to 150°C
IO = 500mA
VIN = 20V to 26V
IO = 5mA to 500mA
VIN = 23V
TJ = -55 to 150°C
VIN = 23V
IO = 350mA
TJ = -55 to 150°C
IO = 5mA to 500mA
VIN = 23V
TJ = -55 to 150°C
IO = 200mA
VIN = 18V to 30V
TJ = -55 to 150°C
f = 10Hz to 100kHz
f = 120Hz
IO = 300mA
VIN = 18.5V to
IO = 100mA
28.5V
TJ = -55 to 150°C
IO = 350mA
VIN = 35V
VIN = 23V
IO = 5mA
14.40
15
15.60
14.25
15.75
60
30
150
150
46
0.5
0.8
90
600
54
54
2.5
300
600
0.7
1.0
1.6
1.5
14.85
15
15.15
14.55
15.45
422
422
422
12
75
46
0.1
0.5
0.2
0.8
90
600
57
70
57
70
2
2.5
300
600
0.7
1.0
1.4
1.5
6.0
V
mV
mV
mA
mA
mV
dB
V
mA
A
mV
°C
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Test Conditions unless otherwise stated: TJ = 25°C
PMAX = 2W for H Package (TO–39)
PMAX = 1.05W for J Package (CERDIP)
PMAX = 15W for SG Package (SMD1)
ELECTRICAL CHARACTERISTICS
IP140MA SERIES
IP140M
SERIES
IP78M00A SERIES
IP78M00
SERIES
Prelim.7/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com