Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP140M Datasheet(PDF) 1 Page - Seme LAB

Part # IP140M
Description  0.5 AMP POSITIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP140M Datasheet(HTML) 1 Page - Seme LAB

  IP140M Datasheet HTML 1Page - Seme LAB IP140M Datasheet HTML 2Page - Seme LAB IP140M Datasheet HTML 3Page - Seme LAB IP140M Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The IP140MA and IP78M00A series of voltage
regulators are fixed output regulators intended for
local, on-card voltage regulation. These devices are
available in 5, 12, and 15 volt options and are
capable of delivering in excess of 500mA over
temperature.
The A-suffix devices are fully specified at 0.5A,
provide 0.01% / V line regulation, 0.3% / A load
regulation, and ±1% output voltage tolerance at room
temperature. Protection features include safe
operating area, current limiting and thermal
shutdown.
Order Information
Part
H–Pack
J–Pack
SG–Pack
Temp.
Number
(TO–39)
CERDIP
SMD
Range
IP78MxxAzz
✔✔
✔
-55 to +150°C
IP78Mxxzz
✔✔
✔
”
IP140MAzz–xx
✔✔
”
IP140Mzz–xx
✔✔
”
Note:
xx = Voltage Code
(05, 12, 15)
eg.
IP78M05J
zz = Package Code
(H, J, SG)
IP140MAH–12
IP140MA SERIES
IP140M
SERIES
IP78M00A SERIES
IP78M00
SERIES
Prelim.7/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
H Package – TO–39
1
2
3
8 Pin J Package
45
1
2
3
8
7
6
NC
NC
NC
OUT
V
IN
V
NC
GND
NC
0.5 AMP
POSITIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT CURRENT UP TO 0.5A
• OUTPUT VOLTAGES OF 5, 12, 15V
• 0.01% / V LINE REGULATION
• 0.3% / A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1% VOLTAGE TOLERANCE (–A VERSIONS)
VI
DC Input Voltage
(for VO = 5, 12, 15V)
PD
Power Dissipation
RqJC
Thermal Resistance Junction to Case
– H Package
RqJC
Thermal Resistance Junction to Case
– SG Package
RqJA
Thermal Resistance Junction to Ambient
– J Package
TJ
Operating Junction Temperature Range
Tstg
Storage Temperature
35V
Internally limited 1
20°C / W
TBA °C / W
119°C / W
–55 to 150°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
Note 1. Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation
PMAX of 2W for the H–Package ,1.05W for the J–Package and 15W for the SG–Package.
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
SMD 1
CERAMIC SURFACE MOUNT
!


Similar Part No. - IP140M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140MAE SEME-LAB-IP140MAE Datasheet
336Kb / 8P
POSITIVE FIXED VOLTAGE REGULATOR
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - IP140M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP120MA SEME-LAB-IP120MA Datasheet
32Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137MAHVH SEME-LAB-IP137MAHVH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
IP117MAE SEME-LAB-IP117MAE Datasheet
19Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
IP117MAHVE SEME-LAB-IP117MAHVE_07 Datasheet
29Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP120MA SEME-LAB-IP120MA Datasheet
37Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com