Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1543 Datasheet(PDF) 1 Page - Seme LAB

Part # IP1543
Description  POWER SUPPLY SUPERVISORY CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1543 Datasheet(HTML) 1 Page - Seme LAB

  IP1543 Datasheet HTML 1Page - Seme LAB IP1543 Datasheet HTML 2Page - Seme LAB IP1543 Datasheet HTML 3Page - Seme LAB IP1543 Datasheet HTML 4Page - Seme LAB IP1543 Datasheet HTML 5Page - Seme LAB IP1543 Datasheet HTML 6Page - Seme LAB IP1543 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LAB
SEME
IP1543 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/96
POWER SUPPLY
SUPERVISORY CIRCUIT
FEATURES
• 4.5 to 40V operation over full temperature
range
• Reference voltage trimmed to 1% accuracy
• Includes over–voltage, under–voltage and
current sensing
• Programmable time delays
• SCR “Crowbar” drive of 300mA
• Remote activation capability
• Optional over–voltage latch capability
+VIN
Input Supply Voltage
Sense Inputs
SCR Trigger Current
Indicator Output Voltage
Indicator Output Sink Current
PD
Power Dissipation
TA = 25°C
Derate @ TA > 50°C
PD
Power Dissipation
TC = 25°C
Derate @ TC > 25°C
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
TL
Lead Temperature
(soldering, 10 seconds)
40V
VIN
Internally Limited
+40V
50mA
1W
10mW/°C
2W
16mW/°C
See Ordering Information
–65 to +150°C
+300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 16 Pin Ceramic DIP
N Package – 16 Pin Plastic DIP
D Package – 16 Pin Plastic (300) SOIC
SCR TRIGGER
REMOTE
ACTIVATE
RESET
O.V. INDICATE
O.V. DELAY
O.V. INPUT
U.V. INPUT
U.V. DELAY
U.V. INDICATE
C.L. INV. INPUT
C.L. NON–INV. INPUT
OFFSET/COMP
C.L. OUTPUT
GND
V
V
IN
REF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Part
J–Pack
N–Pack
D–16
Temp.
Number
16 Pin
16 Pin
16 Pin
Range
IP1543
-55 to +125°C
IP3543
0 to +70°C
Order Information
Note:
To order, add the package identifier to the part number.
eg.
IP1543J
IP3543D–16


Similar Part No. - IP1543

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
IP154012-1 DBUNLIMITED-IP154012-1 Datasheet
631Kb / 1P
Released from Engineering
More results

Similar Description - IP1543

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Texas Instruments
UC1543 TI-UC1543 Datasheet
455Kb / 6P
Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Texas Instruments
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
Power Supply Supervisory Circuit
UC1544N TI-UC1544N Datasheet
1Mb / 20P
Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
Power Supply Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com