Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1543 Datasheet(PDF) 3 Page - Seme LAB

Part # IP1543
Description  POWER SUPPLY SUPERVISORY CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1543 Datasheet(HTML) 3 Page - Seme LAB

  IP1543 Datasheet HTML 1Page - Seme LAB IP1543 Datasheet HTML 2Page - Seme LAB IP1543 Datasheet HTML 3Page - Seme LAB IP1543 Datasheet HTML 4Page - Seme LAB IP1543 Datasheet HTML 5Page - Seme LAB IP1543 Datasheet HTML 6Page - Seme LAB IP1543 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4.5
40
710
2.45
2.5
2.55
2.4
2.6
15
110
12
25
40
50
100
200
400
12
13
0
0.1
–0.1
–0.8
1.5
6
–0.1
–0.8
1.5
6
400
300
500
2.4
2.5
2.6
2.35
2.65
25
–0.3
–1
0.2
0.5
68
200
250
300
4.5
40
710
2.48
2.5
2.52
2.45
2.55
15
110
12
25
40
50
100
200
400
12
13
0
0.1
–0.1
–0.8
1.5
6
–0.1
–0.8
1.5
6
400
300
500
2.45
2.5
2.55
2.4
2.6
25
–0.3
–1
0.2
0.5
68
200
250
300
Input Voltage Range
Supply Current
Output Voltage
Line Regulation
Load Regulation
Short Circuit Current
Temperature Stability
Peak Output Current
Peak Output Voltage
Output Off Voltage
Remote Activate Current
Remote Activate Voltage
Reset Current
Reset Voltage
Output Current Rise Time
Prop. Delay from Pin 2
Prop. Delay from Pin 6
Input Threshold (Input Voltage
Rising on Pin 6, Falling on Pin 7)
Input Hysteresis
Input Bias Current
Delay Saturation
Delay High Level
Delay Charging Current
VIN = 40V
TJ = 25°C
VIN = 4.5 to 30V
IREF = 0 to 10mA
VREF = 0
VIN = 5V
RG = 0
VO = 0
VIN = 15V
IO = 100mA
VIN = 40V
Pin 2 = Gnd
Pin 2 = Open
Pin 3 = Gnd
Pin 2 = Gnd
Pin 3 = Open
Pin 2 = Gnd
RL = 50Ω
TJ = 25°C
CD = 0
VPIN2 = 0.4V
TJ = 25°C
VPIN6 = 2.7V
TJ = 25°C
TJ = 25°C
TJ = 25°C
Sense Input = 0V
VD = 0
LAB
SEME
IP1543 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/96
IP1543
IP3543
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
V
mA
V
mV
mA
ppm/°C
mA
V
mA
V
mA
V
mA/
µs
ns
ns
V
mV
µA
V
µA
REFERENCE SECTION
SCR TRIGGER SECTION
COMPARATOR SECTIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com