Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1M10 Datasheet(PDF) 1 Page - Seme LAB

Part # IP1M10
Description  200mA DUAL H-BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1M10 Datasheet(HTML) 1 Page - Seme LAB

  IP1M10 Datasheet HTML 1Page - Seme LAB IP1M10 Datasheet HTML 2Page - Seme LAB IP1M10 Datasheet HTML 3Page - Seme LAB IP1M10 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LAB
SEME
IP1M10 SERIES
IP1M12 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
200mA DUAL H-BRIDGE
FEATURES
• 200mA Continuous output current per bridge
(100mA for IP1Mxx, IP2Mxx)
• Internal output clamp diodes
• Hysteretic logic inputs for noise immunity
• Thermal shutdown protection
• Peak current limit protection
• Crossover current blanking
• Separate +5V logic supply for minimum power
dissipation (1M10 series only)
• Separate +7V to +36V logic supply
(1M12 series only)
VSS
Logic Supply Voltage
1M10 Series
1M12 Series
VC
Driver Supply Voltage
Logic Inputs
Output Current
Peak Output Current
PD
Power Dissipation
TA = 25°C
Derate above 50°C
PD
Power Dissipation
TC = 25°C
Derate above 25°C
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
+7V
+40V
+40V
-0.3 to +40V
±250mA
Internally Limited
1W
10mW/°C
2W
16mW/°C
See Ordering Information
–65 to +150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 14 Pin Ceramic DIP
N Package – 14 Pin Plastic DIP
D Package – 14 Pin Plastic (150) SOIC
9
10
8
1
2
3
4
5
6
7
14
13
12
11
OA
+V
CA
V
SS
V
PW M B
DIR B
OB
+V
CB
V
OB
–V
EB
V
GND
DIR A
PW M A
EA
V
OA
–V
Part
J–Pack
N–Pack
D–14
Temp.
Number
14 Pin
14 Pin
14 Pin
Range
IP1M10
-55 to +125°C
IP2M10
-40 to +85°C
IP3M10
0 to +70°C
IP1M12
-55 to +125°C
IP2M12
-40 to +85°C
IP3M12
0 to +70°C
Order Information
Note:
To order, add the package identifier to the part number.
eg.
IP1M10J
IP2M10D–14
IP3M12N


Similar Part No. - IP1M10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP10 BEL-IP10 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Hubbell Incorporated.
IP100 HUBBELL-IP100 Datasheet
224Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R01 ETC2-IP1000ALF-DS-R01 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R02 ETC2-IP1000ALF-DS-R02 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
More results

Similar Description - IP1M10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
Dual H-Bridge Driver IC
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com