Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1M10 Datasheet(PDF) 3 Page - Seme LAB

Part # IP1M10
Description  200mA DUAL H-BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1M10 Datasheet(HTML) 3 Page - Seme LAB

  IP1M10 Datasheet HTML 1Page - Seme LAB IP1M10 Datasheet HTML 2Page - Seme LAB IP1M10 Datasheet HTML 3Page - Seme LAB IP1M10 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LAB
SEME
IP1M10 SERIES
IP1M12 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
Logic Supply Voltage
(Pin 3)
Logic Supply Voltage
(Pin 3)
Quiescent Bridge Current (Pin 2 or 6)
PWM Input Threshold
(Pins 4 and 12)
PWM Input Current
(Pins 4 and 12)
DIR Input Threshold
(Pins 5 and 11)
DIR Input Current
(Pins 5 and 11)
Total Saturation Voltage
VSAT(SINK) + VSAT(SOURCE)
Diode Forward Voltage
Output Leakage Current
(Pins 1, 7, 8 and 14)
VSS = +5.25V
ILOADS = 0
VSS = +5.25V
ILOADS = 100mA
VSS = +5.25V
ILOADS = 200mA
VSS = +36V
ILOADS = 0
VSS = +36V
ILOADS = 100mA
VSS = +20V
ILOADS = 200mA
ILOAD = 0
VIN = 0
VIN = 36V
VIN = 0
VIN = 36V
ILOAD = 100mA
ILOAD = 200mA
3M10 / 3M12 Only
IDIODE = 100mA
IDIODE = 200mA
VO = 0
VC = 36V
VO = VC = 36V
5
12
8
20
12
28
8
18
1
25
15
32
2.5
8
0.8
1.5
2
1.2
2.5
3
0.4
1
-20
-100
0.1
±10
0.8
1.5
2
1.2
2.3
3
0.2
0.8
-20
-100
0.1
±10
1.8
2.25
2.1
2.7
1.1
1.4
1.2
1.6
1
100
1
100
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (Over Full Operating Temperature Range)
mA
mA
V
µA
V
µA
V
V
µA
1M10 Series
1M12 Series
Falling
Rising
Hysterisis
Low
High
Falling
Rising
Hysterisis
Low
High
Low
High
Sink Turn-On Delay
Sink Current Rise Time
Sink Turn-Off Delay
Sink Current Fall Time
Source Turn-On Delay
Source Rise Time
Source Turn-Off Delay
Source Fall Time
Sink to Source Deadtime
Source to Sink Deadtime
∆t: V
i = Vi(TH) to VO = VS /2
∆t: I
O = (0.1 to 0.9) ILOAD
∆t: V
i = Vi(TH) to VO = VS /2
∆t: I
O = (0.9 to 0.1) ILOAD
∆t: V
i = Vi(TH) to VO = VS /2
∆t: I
O = (0.1 to 0.9) ILOAD
∆t: V
i = Vi(TH) to VO = VS /2
∆t: I
O = (0.9 to 0.1) ILOAD
1250
200
300
200
800
400
1000
500
500
250
Parameter
Test Conditions
Min.
Typ.
Max.
Units
SWITCHING CHARACTERISTICS @ TAMB = 25°C
ns
ns
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com