Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG505C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG505C
Description  General Purpose Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG505C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG505C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG505C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QG501C ~ QG507C
50 ~ 1000 V
5.0 Amp Surface Mount Silicon
General Purpose Rectifiers
Elektronische Bauelemente
16-Dec-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free
FEATURES
Glass passivated junction
High surge current capability
Low reverse current
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Cases:SMC(DO-214AB)
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals:Lead Free Plating(Tin Finish)
Solderable Per MIL-STD-202, Method 208
Polarity:Cathode Band
Weight:0.231 grams(approximate)
PACKAGE INFORMATION
Product
MPQ
LeaderSize
QG501C~QG507C
3K / Reel
13” inch
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
Parameters
Symbol
Part Number
Units
QG
501C
QG
502C
QG
503C
QG
504C
QG
505C
QG
506C
QG
507C
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF
5.0
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
125
A
Maximum Instantaneous
Forward Voltage @ IF=5A
VF
1.15
V
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
@ TA=25°C
IR
5
A
@TA=100°C
50
Typical Junction Capacitance (Note 1)
CJ
60
pF
Thermal Resistance Junction to Ambient
RθJA
100
°C / W
Storage and Operating Temperature Range
TJ , TSTG
-55 ~ 150, -55 ~ 150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC
SMC(DO-214AB)
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305


Similar Part No. - QG505C

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QG500 QUALWAVE-QG500 Datasheet
232Kb / 2P
Flexible RF Cables & Assemblies
Rev 1.3
logo
Intel Corporation
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
Intel 5000X Chipset Memory Controller Hub (MCH)
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
More results

Similar Description - QG505C

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com