Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S79L06 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S79L06
Description  Negative Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S79L06 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S79L06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S79L06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage
100
-55~+150
Output Current
Storage Temperature Range
Tj
Tstg
IO
C
C
o
o
Operating Junction Temperature Range
Parameter
Symbol
Ratings
Unit
V
mA
VIN
-30
Absolute Maximum Ratings
Total Power Dissipation
PD
0~+125
625
mW
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
Description
The SM79L06 is monolithic fixed voltage regulator integrated
circuit. They are suitable for applications that required supply
current up to 100mA.
Features
* Short Circuit Current Limiting
* Output Current Up To 100mA
Elektronische Bauelemente
S79L06
3-Terminal
Negative Voltage Regulator
Application Circuit
e1
b
e
SEATING
PLANE
b1
D
C
S1
E
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Millimeter
Millimeter
TO-92
S79L06
* Thermal Overload Shutdown Protection


Similar Part No. - S79L06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S79L06 SECOS-S79L06 Datasheet
720Kb / 5P
3-Terminal Negative Voltage Regulator
More results

Similar Description - S79L06

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
Negative Voltage Regulator
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
Negative Voltage Regulator
January 26, 2000
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
NEGATIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
Negative Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com