Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9012T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S9012T
Description  PNP Epitaxial Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9012T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S9012T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9012T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
S9012T
PNP Epitaxial Silicon Transistor
TO-92
FEATURE
Power dissipation
PCM :
0.625
W
Tamb=25
Collector current
ICM:
-0.5
A
Collector-base voltage
V(BR)CBO : -40 V
Operating and storage junction temperature range
Tj, Tstg:
-55
to +150
ELECTRICAL
CHARACTERISTICS
Tamb=25
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100
A
IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1 mA ,
IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100
A
IC=0
-5
V
Collector cut-off current
ICBO
VCB=- 40V ,
IE=0
-0.1
A
Collector cut-off current
ICBO
VCB=-20V ,
IE=0
-0.1
A
Emitter cut-off current
IEBO
VEB=- 5V, IC=0
-0.1
A
hFE(1)
VCE=-1V, IC=-50mA
64
300
DC current gain
hFE(2)
VCE=-1V, IC= -500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC= -500 mA, IB= -50mA
-0.6
V
Base-emitter voltage
VBE(sat)
IC= -500 mA, IB=- 50mA
-1.2
V
Transition frequency
f T
VCE=-6V,IC=-20mA,
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
D
E
F
G
H
I
Range
64-91
78-112
96-135
112-166
144-202
190-300
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46
+0.1
–0.1
0.43
+0.08
–0.07
13
2
1: Emitter
2: Base
3: Collector
1.25–0.2
+0.2
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - S9012T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9012T SECOS-S9012T_15 Datasheet
95Kb / 2P
PNP Epitaxial Silicon Transistor
More results

Similar Description - S9012T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com