Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9012T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S9012T
Description  PNP Epitaxial Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9012T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S9012T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9012T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
S9012T
PNP Epitaxial Silicon Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Current Gain Bandwidth Product
-0
-10
-20
-30
-40
-50
-0
-10
-20
-30
-40
-50
I
B=-300μA
I
B=-250μA
I
B=-200μA
I
B=-150μA
I
B=-100μA
I
B=-50μA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-10
-100
-1000
10
100
1000
VCE = -1V
IC[mA], COLLECTOR CURRENT
-10
-100
-1000
-10
-100
-1000
VBE(sat)
VCE(sat)
IC=10IB
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-10000
1
10
100
1000
VCE=-6V
IC[mA], COLLECTOR CURRENT
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com