Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1R17 Datasheet(PDF) 1 Page - Seme LAB

Part # IP1R17
Description  3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R17 Datasheet(HTML) 1 Page - Seme LAB

  IP1R17 Datasheet HTML 1Page - Seme LAB IP1R17 Datasheet HTML 2Page - Seme LAB IP1R17 Datasheet HTML 3Page - Seme LAB IP1R17 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LAB
SEME
IP1R17A
IP3R17A
IP1R17A
IP3R17A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
3 AMP
FIXED NEGATIVE
VOLTAGE REGULATORS
VI
DC Input Voltage
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature Range
TL
Lead Temperature (Soldering, 10 sec)
35V
Internally limited
See Table Above
–65°C to +150°C
300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• 0.01%/V LINE REGULATION
• 0.5% LOAD REGULATION
• ±1% OUTPUT TOLERANCE
(–A VERSIONS)
• AVAILABLE IN –5V, –12V AND –15V OPTIONS
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
K Package – TO–3
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
T Package – TO–220
12
3
123
Order Information
Part
K–Pack
G–Pack
T–Pack
Temp.
Number
(TO–3)
(TO–257) (TO–220)
Range
IP1R17Axx–zz
-55 to +150°C
IP1R17xx–zz
”
IP3R17Azz–xx
0 to +125°C
IP3R17zz–xx
”
Note:
xx = Voltage Code
(05, 12, 15)
eg.
IP1R17AK–05
zz = Package Code
(G, K, T)
IP3R17G–12
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
G Package – TO–257
1 23


Similar Part No. - IP1R17

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - IP1R17

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
3-terminal Negative Fixed Voltage Regulators
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
negative fixed voltage regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
3-terminal Negative Fixed Voltage Regulators
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com