Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP35063 Datasheet(PDF) 2 Page - Seme LAB

Part # IP35063
Description  DC-DC CONVERTER CONTROL CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP35063 Datasheet(HTML) 2 Page - Seme LAB

  IP35063 Datasheet HTML 1Page - Seme LAB IP35063 Datasheet HTML 2Page - Seme LAB IP35063 Datasheet HTML 3Page - Seme LAB IP35063 Datasheet HTML 4Page - Seme LAB IP35063 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IP35063
IP33063
IP34063
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
Parameter
Test Conditions
Min.
Typ.
Max.
Units
20
35
50
150
200
250
0.5
6.0
250
300
350
1
1.3
0.45
0.7
35
120
10
1.18
1.25
1.32
0.04
0.2
40
400
2.4
3.5
Charging Current
Discharge Current
Voltage Swing
Discharge to Charge Current Ratio
Current Limit Sense Voltage
Saturation Voltage, Darlington Connection *
Saturation Voltage *
DC Current Gain
Collector Off–State Current
Threshold Voltage *
Threshold Voltage Line Regulation *
Input Bias Current *
Supply Current *
VCC = 5 to 40V
VCC = 5 to 40V
Ipk(sense) = VCC
Ichg = Idischg
ISW = 1.0A
ISW = 1.0A
IC(Driver) = 50mA (Forced β = 20)
ISW = 1.0A , VCE = 5.0V
VCE = 40V
VCC = 3 to 40V
VIN = 0V
VCC = 5 to 40V
CT = 0.001µF
Ipk(sense) = VCC
VPIN 5 > Vth
Pin 2 = Gnd , Remaining Pins Open.
µA
µA
Vpp
—
mV
V
V
—
nA
V
mV/V
nA
mA
ELECTRICAL CHARACTERISTICS (Test Parameters unless otherwise stated : V
CC = 5V , TJ = 25°C)
OUTPUT SWITCH
COMPARATOR
TOTAL DEVICE
OSCILLATOR
NOTES
* Applies over full operating temperature range (see order information).
1.25 V
REFERENCE
REGULATOR
COMPARATOR
OSCILLATOR
S
R
Q
8
7
6
5
1
2
3
4
Q1
Q2
170
Ω
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
Driver
Collector
I
Sense
pk
V CC
Comparator
Inverting
Input
DESCRIPTION
The IP34063 series of control circuits contains all the
functions required to implement DC–DC converters.
Included are internal voltage reference, comparator,
controlled duty cycle oscillator with current limit circuit,
driver, and high current output switch. This series was
specifically designed to be incorporated in Step-Down
(Buck) and Step-Up (Boost) applications with a minimum
number of external components.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com