Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP35063 Datasheet(PDF) 1 Page - Seme LAB

Part # IP35063
Description  DC-DC CONVERTER CONTROL CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP35063 Datasheet(HTML) 1 Page - Seme LAB

  IP35063 Datasheet HTML 1Page - Seme LAB IP35063 Datasheet HTML 2Page - Seme LAB IP35063 Datasheet HTML 3Page - Seme LAB IP35063 Datasheet HTML 4Page - Seme LAB IP35063 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IP35063
IP33063
IP34063
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
TOP VIEW
J Package – 8 Pin Ceramic DIP
N Package – 8 Pin Plastic DIP
D-8 Package – 8 Pin Plastic (150) SOIC
Part
J–Pack
N–Pack
D–8
Temp.
Number
8 Pin
8 Pin
8 Pin
Range
IP35063
-55 to +125°C
IP33063
-40 to +85°C
IP34063
0 to +70°C
FEATURES
• Operation from 2.5 to 40V input
• Low Standby Current
• Current Limiting
• Output switch current of 1.5A
• Output voltage adjustable from 1.25 to 40V
• Operating frequency from 100Hz to 100kHz
• Direct replacement for MC34063/MC34063A
series
Power Supply Voltage
Comparator Input Voltage Range
Switch Collector Voltage
Switch Emitter Voltage
Switch Collector to Emitter Voltage
Driver Collector Voltage
Switch Current
Power Dissipation @ Tamb = 25°C
Ceramic Packages
Plastic Packages
Derate above 25°C
Operating Junction Temperature
Ceramic Packages
Plastic Packages
Operating Ambient Temperature Range See Table Above
Storage Temperature Range
+40V
–0.3V to +40V
40V
40V
40V
40V
1.5A
1.25W
1W
10mW/°C
150°C
125°C
See Table Above
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
8
7
6
5
V
CC
SW ITCH
COLLECTOR
SW ITCH
EMITTER
TIM ING
C APACITOR
GND
I
pk SENSE
DRIVER
COLL EC TO R
C OMP AR ATOR
INVER TIN G
INPUT
DC–DC CONVERTER
CONTROL CIRCUIT
Order Information
Note:
To order, add the package identifier to the part
number.
eg.
IP35063D–8


Similar Part No. - IP35063

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP350 SEME-LAB-IP350 Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP350A SEME-LAB-IP350A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP35063

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
DC/DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
DC-to-DC Converter Control Circuit
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com