Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD1106 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MMAD1106
Description  Switching Diode Array Steering Diode TVS Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMAD1106 Datasheet(HTML) 1 Page - Microsemi Corporation

  MMAD1106 Datasheet HTML 1Page - Microsemi Corporation MMAD1106 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diode Array
Steering Diode TVS Array™
S C O T TS DALE DIVISION
MMAD1106 and MMAD1106e3
DESCRIPTION
APPEARANCE
These low capacitance diode arrays are multiple, discrete, isolated junctions
fabricated by a planar process and mounted in a 14-pin package for use as
steering diodes protecting up to eight I/O ports from negative ESD, EFT, or
surge by directing them to ground (pin 14)*. They may also be used in fast
switching core-driver applications. This includes computers and peripheral
equipment such as magnetic cores, thin-film memories, plated-wire
memories, etc., as well as decoding or encoding applications. These arrays
offer many advantages of integrated circuits such as high-density packaging
and improved reliability. This is a result of fewer pick and place operations,
smaller footprint, smaller weight, and elimination of various discrete
packages that may not be as user friendly in PC board mounting. They are
available with either Tin-Lead plating terminations or as RoHS Compliant
with annealed matte-Tin finish by adding an “e3” suffix to the part number.
*See MMAD1105(e3) for directing positive transients to positive side of the
power supply line.
Top Viewing Pin Layout
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Microsemi
Scottsdale Division
Page 1
Copyright
© 2005
6-28-2005 REV K
FEATURES
APPLICATIONS / BENEFITS
•
8 Diode Array
• Low capacitance steering diode protection for high
frequency data lines
•
Molded 14-Pin SOIC Package
• RS-232 & RS-422 Interface Networks
•
UL 94V-0 Flammability Classification
• Ethernet: 10 Base T
•
Low Capacitance 1.5 pF per diode
• Computer I / O Ports
•
Switching speeds less than 5 ns
• LAN
•
RoHS Compliant devices available by adding “e3” suffix
•
IEC 61000-4 compatible
• Switching Core Drivers
61000-4-2 (ESD): Air 15kV, contact – 8 kV
61000-4-4 (EFT): 40A – 5/50 ns
61000-4-5 (surge): 12A, 8/20
µs
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0 flammability
classification
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Forward Surge Current: 2 Amps (8.3 ms)
• TERMINALS: Tin-Lead or RoHS Compliant
annealed matte-Tin plating solderable per MIL-
STD-750 method 2026
12 Amps (8/20
µs)
• Continuous Forward Current: 400 mA (one diode)
• Power Dissipation (P
D): 1500 mW (total)
• MARKING: MSC logo, MMAD1106 or
MMAD1106e3 and date code. Pin #1 is to the left
of the dot or indent on top of package
• Solder Temperatures: 260°C for 10 s (maximum)
• WEIGHT: 0.127 grams (approximate)
• Tape & Reel packaging: 2500 pcs (STANDARD)
• Carrier tube packaging: 55 pcs
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless otherwise specified
REVERSE
RECOVERY
WORKING
LEAKAGE
CAPACITANCE
FORWARD
FORWARD
LEAKAGE
BREAKDOWN
PEAK
CURRENT
VOLTAGE
VOLTAGE
CURRENT
VOLTAGE
TIME
REVERSE
I
C
V
V
I
VBR
R
R
F
F
t
VOLTAGE
@ 0 V
@ IBR =100µA
T = 25°C
T = 150°C
I = 10 mA
I = 100 mA
V
VRWM
V
A
µA
A
µA
pF
rr
ns
F
V
F
V
PART
NUMBER
MIN
MAX
MAX
@V
MAX
@V
TYP
MAX
MAX
MAX
R
R
MMAD1106
90
75
0.200
20
300
20
1.5
5.0
1.00
1.20
MMAD1106e3
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - MMAD1106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD1106 MICROSEMI-MMAD1106 Datasheet
83Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD1106 PROTEC-MMAD1106 Datasheet
78Kb / 4P
STEERING DIODE ARRAY
MMAD1106 PROTEC-MMAD1106 Datasheet
887Kb / 6P
ultra low capacitance multi-line steering diode array
MMAD1106 PROTEC-MMAD1106 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
More results

Similar Description - MMAD1106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104_05 Datasheet
72Kb / 2P
Switching Diode Array Steering Diode TVS Array
MAD1103 MICROSEMI-MAD1103_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1107 MICROSEMI-MAD1107_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1108 MICROSEMI-MAD1108_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1109 MICROSEMI-MAD1109_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD130 MICROSEMI-MMAD130_02 Datasheet
59Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MMAD1103 MICROSEMI-MMAD1103_05 Datasheet
91Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MMAD1104 MICROSEMI-MMAD1104_05 Datasheet
104Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com