Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP4203 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MPP4203
Description  CONTROL DEVICES ??MMSM PIN and Limiter Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPP4203 Datasheet(HTML) 2 Page - Microsemi Corporation

  MPP4203 Datasheet HTML 1Page - Microsemi Corporation MPP4203 Datasheet HTML 2Page - Microsemi Corporation MPP4203 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPP4201 – MPP4205, MPL4700
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES – MMSM PIN and Limiter Diodes
TM
®
RoHS Compliant
.
DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
VB (V)
IR=10μA
(Min)
CT(pF)
1
@-10V
(Max)
RS(Ω)
2@
0.01 mA
(Typ)
RS(Ω)
2
@1 mA
RS(Ω)
2
@10 mA
(Max)
RS(Ω)
2
@20 mA
(Max)
TL
(Typ)
Application
MPP4201
70
0.20
2.5
150
Switching / Attenuation
MPP4202
50
0.15
2.8
50
Switching
MPP4203
50
0.10
3.0
50
Economy Switching
MPP4204
25
0.15
2.0
20
Switching
MPP4205
70
0.15
250
7-16
5.0
150
Attenuation
MPL4700
25
0.15
2.0
a
20
Receiver Protection
MPL4701
15
0.20
2.5
a
10
Receiver Protection
Notes
1- Capacitance is measured at f = 1 MHz.
2- Series Resistance (RS) is measured at f = 100 MHz. Devices are mounted in a package suitable for testing.
a.
RS is measured at 1GHz for the MPL4700 and MPL4701 devices.
Microsemi
Copyright
 2006
Rev: 2009-01-19



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com