Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP4203 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MPP4203
Description  CONTROL DEVICES ??MMSM PIN and Limiter Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPP4203 Datasheet(HTML) 1 Page - Microsemi Corporation

  MPP4203 Datasheet HTML 1Page - Microsemi Corporation MPP4203 Datasheet HTML 2Page - Microsemi Corporation MPP4203 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPP4201 – MPP4205, MPL4700
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
CONTROL DEVICES – MMSM PIN and Limiter Diodes
TM
®
RoHS Compliant
DESCRIPTION
This series of surface mount PIN and Limiter diodes utilize new and unique
monolithic MMSM technology. The technology is a package/device
integration accomplished at the wafer fabrication level. Since the cathode
and anode interconnections utilize precision photolithographic techniques
rather than wire bonds, parasitic package inductance is tightly controlled.
The package parasitics provide smooth non-resonant functionality through
X Band. This series of devices meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS
The MPP4000 series of PIN diodes can be used in RF circuits as an on/off
element, as a switch, or as a current controlled resistor in attenuators
extending over the frequency range from UHF through X band. Switch
applications include high speed switches (ECM systems), TR switches
channel or antenna selection switches (Telcom and WLAN applications),
duplexers (radar) and digital phase shifters (phased arrays). These diodes
are also used as passive and active limiters for low to moderate RF power
levels. Attenuator type applications include amplitude modulators, AGC
attenuators and power levelers.
The MPL4700 / MPL4701 series of Limiter diodes are design for low to
medium power receiver protection. The typical leakage output power for the
MPL4701 is +20 dbm versus +24 dbm for the MPL4700.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of minimum Rated VB
IR
0.5
uA
Operating Temperature
TOP
-55 to +150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
IMPORTANT: For the most current data, visit: www.MICROSEMI.com
Specifications are subject to change. Consult factory for latest information
.
These devices are ESD sensitive and must be handled use using ESD precautions.
KEY FEATURES
Up to 10W incident RF power
handling
Low parasitics
LP = 0.02nH Typical
CP = 0.04pF Typical
Broadband Performance through
X-Band
Available on Tape & Reel or on
Film Frame for pick & place
Small, SOD 323 Footprint
RoHS Compliant
1
1- These devices are supplied with
gold terminations.
APPLICATIONS/BENEFITS
Receiver protection circuits
Broadband Switching
Economy Switching
RF Attenuators
Copyright
 2006
Rev: 2009-01-19


Similar Part No. - MPP4203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPP4203 MICROSEMI-MPP4203 Datasheet
63Kb / 3P
MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
logo
Microchip Technology
MPP4203-206-HS MICROCHIP-MPP4203-206-HS Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results

Similar Description - MPP4203

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4L MACOM-MA4L Datasheet
205Kb / 3P
Limiter PIN Diodes
logo
Microsemi Corporation
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
CONTROL DEVICES High Power PIN Diodes
GC4701 MICROSEMI-GC4701 Datasheet
179Kb / 5P
TM CONTROL DEVICES - LIMITER DIODES
GC4801 MICROSEMI-GC4801 Datasheet
131Kb / 2P
CONTROL DEVICES Planar Beamlead - PIN Diodes
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
CONTROL DEVICES - BEAMLEAD PIN DIODES
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
Silicon PIN Limiter Diodes
logo
Skyworks Solutions Inc.
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com