Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP4203 Datasheet (PDF) - Microsemi Corporation

MPP4203 Datasheet PDF - Microsemi Corporation
Part # MPP4203
Download  MPP4203 Download
File Size   63.6 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES

MPP4203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPP4203 Datasheet PDF - Microsemi Corporation

Part # MPP4203
Download  MPP4203 Click to download

File Size   63.6 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES

MPP4203 Datasheet (HTML) - Microsemi Corporation


MPP4203 Product details

DESCRIPTION

This series of surface mount PIN and Limiter diodes utilize new and unique monolithic MMSM technology. The technology is a package/device integration accomplished at the wafer fabrication level. Since the cathode and anode interconnections utilize precision photolithographic techniques rather than wire bonds, parasitic package inductance is tightly controlled. The package parasitics provide smooth non-resonant functionality through X Band. This series of devices meets RoHS requirements per EU Directive 2002/95/EC.



KEY FEATURES

■ Up to 10W incident RF power handling

■ Low parasitics

   LP = 0.02nH Typical

   CP = 0.04pF Typical

■ Broadband Performance through X-Band

■ Available on Tape & Reel or on Film Frame for pick & place

■ Small, SOD 323 Footprint

■ RoHS Compliant 1

    1- These devices are supplied with gold terminations.



APPLICATIONS/BENEFITS

■ Receiver protection circuits

■ Broadband Switching

■ Economy Switching

■ RF Attenuators



 




Similar Part No. - MPP4203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPP4203 MICROSEMI-MPP4203 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
logo
Microchip Technology
MPP4203-206-HS MICROCHIP-MPP4203-206-HS Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - MPP4203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com