Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP4203 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MPP4203
Description  MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPP4203 Datasheet(HTML) 1 Page - Microsemi Corporation

  MPP4203 Datasheet HTML 1Page - Microsemi Corporation MPP4203 Datasheet HTML 2Page - Microsemi Corporation MPP4203 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi
Microwave Products Division
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Copyright
 2000
MSC1361.PDF 2000-10-11
MPP4201 – MPP4204, MPL4700
MONOLITHIC MICROWAVE SURFACE MOUNT
MICRO-PAK PIN DIODES
PRODUCT PREVIEW
M I CR O W A V E P RO D UCT S D IV I S IO N
DESCRIPTION
This series of surface mount PIN diodes utilize new and unique
monolithic MMSM technology. The technology is a package/device
integration accomplished at the wafer fabrication level. Since the cathode
and anode interconnections utilize precision photolithographic techniques
rather than wire bonds, parasitic package inductance is tightly controlled.
The package parasitics provide smooth non-resonant functionality through
12GHz.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
ELECTR ICAL CHAR ACTER
ELECTR ICAL CHAR ACTER
ELECTR ICAL CHAR ACTER
ELECTR ICAL CHAR ACTER IS TICS
IS TICS
IS TICS
IS TICS
Part #
Vb@10uA
(min)
Volts
Ct@10V
(Max)
(Pf)
Rs@10mA
(max)
Ohms
RS@2 0 M A
(Max)
Ohms
Tl
(Typ)
Nsec
Outline
Dwg
Number
APPLICATION
MPP4201
70
0.20
2.5
150
206
High Power Switch
MPP4202
50
0.15
2.8
50
206
Magnetic Resonance Imaging
MPP4203
50
0.10
3.0
50
206
High Isolation Switch and
Attenuator
MPP4204
25
0.15
2.0
30
206
High Speed Switch
MPL4700
25
0.15
2.0
20
206
Amplifier Protection
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"Tape and Reeled for Automatic
Assembly
!"Low Series Inductance (<0.2nH
typical)
!"Low Parasitic Capacitance
(0.06 pf typical)
!"Meets All Commercial
Qualification Requirements
!"0204 Outline
!"Very low thermal resistance
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"2.4 GHz PCS
communications
!"5.7 GHz Wireless LANS
!"Solid State Switches,
Attenuators, Limiters
!"Phase Shifters
!"Widest bandwidth of any
commercial surface
mounted devices
!"Handles up to 10 watts
incident RF power
!"Ultra tight parametric
distribution


Similar Part No. - MPP4203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPP4203 MICROSEMI-MPP4203 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
logo
Microchip Technology
MPP4203-206-HS MICROCHIP-MPP4203-206-HS Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results

Similar Description - MPP4203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com