Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP4203 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MPP4203
Description  MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPP4203 Datasheet(HTML) 2 Page - Microsemi Corporation

  MPP4203 Datasheet HTML 1Page - Microsemi Corporation MPP4203 Datasheet HTML 2Page - Microsemi Corporation MPP4203 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi
Microwave Products Division
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2000
MSC1361.PDF 2000-10-11
MPP4201 – MPP4204, MPL4700
MONOLITHIC MICROWAVE SURFACE MOUNT
MICRO-PAK PIN DIODES
PRODUCT PREVIEW
M I CR O W A V E P RO D UCT S D IV I S IO N
DIMENSIONS
0 .04 0"
ALL DIMENSION TOLERANCES ARE +- .002"
0.01 6"
0.01 2 "
0.019"
2 PLCS
BOTTOM
0.01 1"
SIDE
TOP
CATHODE
INDICATOR
GOLD PADS
2 PLCS
0.020 "
0.01 5"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com