Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS652 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS652
Description  5.0 Watts, 12.5 Volts, Class C UHF Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS652 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS652 Datasheet HTML 1Page - Microsemi Corporation MS652 Datasheet HTML 2Page - Microsemi Corporation MS652 Datasheet HTML 3Page - Microsemi Corporation MS652 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS652/MS652S
Typical Impedance Values
DUT
ZS
ZL
Frequency (MHz)
ZS ( )
ZL ( )
400
1.2 – j0.6
6.5 + j6.5
440
1.2 – j0.9
7.2 + j6.0
470
1.2 – j1.2
7.7 + j5.3
512
1.2 – j1.5
8.3 + j4.5
* VCC = 12.5V, POUT = 5W
Input
Matching
Network
Output
Matching
Network



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com