Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS652 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS652
Description  5.0 Watts, 12.5 Volts, Class C UHF Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS652 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS652 Datasheet HTML 1Page - Microsemi Corporation MS652 Datasheet HTML 2Page - Microsemi Corporation MS652 Datasheet HTML 3Page - Microsemi Corporation MS652 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS652/MS652S
5.0 Watts, 12.5 Volts, Class C
UHF Applications
GENERAL DESCRIPTION
The MS652/MS652S is a common emitter and 12.5V Class C epitaxial silicon
NPN planar transistor designed primarily for UHF communications. It withstands
severe mismatch under normal operating conditions.
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
°C
25 Watts
BVCBO Collector to Base Voltage
36 Volts
BVCEO Collector to Emitter Voltage
16 Volts
BVEBO Emitter to Base Voltage
4.0 Volts
IC
Collector Current
2.0 Amps
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
.280 4L STUD(M122), Epoxy sealed
MS652
.280 4LSL (M123), Epoxy sealed
MS652S
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Power Out
5.0
-
-
W
PIN
Power Input
-
-
0.5
W
GP
Power Gain
F = 512 MHz
VCE = 12.5V
10.0
-
-
dB
η
Efficiency
POUT = 5W
60
-
-
%
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVCES
Collector to Emitter Breakdown
IC = 25 mA, VBE = 0
36
-
-
V
BVCEO
Collector to Emitter Breakdown
IC = 50 mA, IB = 0
16
-
-
V
BVCBO
Collector to Base Breakdown
IC = 25 mA, IE = 0
36
-
-
V
BVEBO
Emitter to Base Breakdown
IE = 5 mA, IC = 0
4.0
-
-
V
ICES
Collector to Emitter Leakage
VCE = 15 V, VBE = 0
-
-
1.0
mA
hFE
DC – Current Gain
IC = 200 mA, VCE = 5 V
10
-
150
-
COB
Output Capacitance
F = 1MHz, VCB = 15V
-
-
15
pF
θjc1
Junction-Case Thermal Resistance
-
-
7
°C/W
NOTES: 1. At rated output power with MSC fixture.
Rev. A: May. 2010


Similar Part No. - MS652

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS652 ADPOW-MS652 Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
MS652S ADPOW-MS652S Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
More results

Similar Description - MS652

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S25-50 ETC-S25-50 Datasheet
150Kb / 3P
25 WATTS - 12.5 VOLTS 1.5-30 MHZ
S100-12 ETC1-S100-12 Datasheet
155Kb / 3P
100 WATTS - 12.5 VOLTS 1.5-30 MHz
logo
Advanced Power Technolo...
MS1649 ADPOW-MS1649 Datasheet
66Kb / 3P
RF & MICROWAVE TRANSISTORS UHF CLASS C MOBILE APPLICATIONS
logo
GHz Technology
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2304 GHZTECH-2304 Datasheet
218Kb / 4P
4.0 Watts - 20 Volts, Class C Microwave 2300 MHz
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
2307 GHZTECH-2307 Datasheet
271Kb / 4P
7.0 Watts - 20 Volts, Class C Microwave 2300 MHz
logo
Microsemi Corporation
MPA201 MICROSEMI-MPA201 Datasheet
107Kb / 4P
0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
logo
New Jersey Semi-Conduct...
MPA201 NJSEMI-MPA201 Datasheet
127Kb / 2P
0,5 WATTS -; 12.5 VOLTS 500 Mhz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com