Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP78M05DP Datasheet(PDF) 1 Page - Seme LAB

Part # IP78M05DP
Description  3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP78M05DP Datasheet(HTML) 1 Page - Seme LAB

  IP78M05DP Datasheet HTML 1Page - Seme LAB IP78M05DP Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAB
SEME
Prelim. 9/94
IP78M05ADP
IP78M05DPA
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
3 TERMINAL
LOW CURRENT
5 VOLT POSITIVE
VOLTAGE REGULATOR
VI
DC Input Voltage
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Maximum Junction Temperature
Tstg
Storage Temperature Range
TL
Lead Temperature (Soldering, 10 sec)
35V
Internally limited
0°C to 125°C
125°C
–65°C to +150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PostScript Picture
C:\APPROVED\PACKAGES\PLASTIC\D PACK.EPS
FEATURES
• 0.01%/V LINE REGULATION
• 0.3%/A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• SAFE OPERATING AREA PROTECTION
• 1% OUTPUT VOLTAGE TOLERANCE
D–PACK — TO251 plastic package
Pin 1 – VIN
Pin 2 – GND
Pin 3 – VOUT


Similar Part No. - IP78M05DP

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP78M05-LCC4 SEME-LAB-IP78M05-LCC4 Datasheet
24Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
IP78M05A-LCC4 SEME-LAB-IP78M05A-LCC4 Datasheet
24Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - IP78M05DP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
3-Amp, 5-Volt Positive Regulator
logo
Seme LAB
IP78M15ADP SEME-LAB-IP78M15ADP Datasheet
15Kb / 2P
3 TERMINAL LOW CURRENT 15 VOLT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
TS78M05C ETC-TS78M05C Datasheet
177Kb / 8P
3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78M00A TSC-TS78M00A Datasheet
173Kb / 9P
3-Terminal Medium Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
3-Terminal Medium Current Positive Voltage Regulator
logo
Sensitron
SHD52627 SENSITRON-SHD52627 Datasheet
36Kb / 2P
POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
3-Amp, 5-Volt Positive Regulator
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com