Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP78M05DP Datasheet(PDF) 2 Page - Seme LAB

Part # IP78M05DP
Description  3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP78M05DP Datasheet(HTML) 2 Page - Seme LAB

  IP78M05DP Datasheet HTML 1Page - Seme LAB IP78M05DP Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAB
SEME
Prelim. 9/94
IP78M05ADP
IP78M05DPA
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
4.95
5
5.05
4.85
5.15
310
310
310
550
46
0.1
0.5
0.2
0.8
40
200
65
80
65
80
2
2.5
300
600
0.7
1.0
1.4
0.5
2.0
4.80
5
5.20
4.75
5.25
50
25
50
50
46
0.5
0.8
40
200
62
62
2.5
300
600
1.0
1.6
0.5
IP78M05ADP
IP78M05DP
Parameter
Test Conditions
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VO
DVO
DVO
Id
DIQ
VN
DVIN
DVO
ISC
IPK
IO = 100mA
VIN = 10V
IO = 5mA to 350mA
VIN = 7.5 to 20V
Tj = 0 to 125°C
PD £ PMAX
IO = 200mA
VIN = 7 to 25V
IO = 200mA
VIN = 8 to 25V
Tj = 0 to 125°C
IO = 500mA
VIN = 8 to 12V
IO = 5mA to 500mA VIN = 10V
Tj = 0 to 125°C
IO = 350mA
VIN = 10V
Tj = 0 to 125°C
IO = 5 to 500mA
VIN = 10V
Tj = 0 to 125°C
IO = 200mA
VIN = 8 to 25V
Tj = 0 to 125°C
f = 10Hz to 100kHz
VIN = 8 to 18V
f = 120Hz
IO = 300mA
VIN = 8 to 18V
f = 120Hz
IO = 100mA
Tj = 0 to 125°C
IO = 350mA
VIN = 35V
VIN = 10V
IO = 5mA
Output Voltage*
Line Regulation*
Load Regulation*
Quiescent Current*
Quiescent Current
Change*
Output Noise Voltage
Ripple Rejection
Dropout Voltage*
Short Circuit Current*
Peak Output Current*
Average Temperature
Coefficient of Output
Voltage*
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless stated)
V
mV
mV
mA
mA
mV
dB
V
mA
A
mV
/ °C
* Pulse Test:
tp £ 10ms , d£ 5%.
All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
Output Voltage changes due to changes in internal temperature must be taken into account separately.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com