Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF044 Datasheet(PDF) 1 Page - Seme LAB

Part # IRF044
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF044 Datasheet(HTML) 1 Page - Seme LAB

  IRF044 Datasheet HTML 1Page - Seme LAB IRF044 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF044
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/96
39.95 (1.573)
max.
17.15 (0.675)
16.64 (0.655)
30.40 (1.197)
30.15 (1.187)
1
2
4.09 (0.161)
3.84 (0.151)
dia.
2 plcs.
20.32 (0.800)
18.80 (0.740)
dia.
1.57 (0.062)
1.47 (0.058)
dia.
2 plcs.
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
TL
Lead Temperature
1.6mm (0.63”) from case for 10 sec.
±20V
44A
27A
176A
125W
1.0W/°C
340mJ
4.5V/ns
–55 to 150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
N–CHANNEL
POWER MOSFET
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HERMETICALLY SEALED TO–3 METAL
PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• SCREENING OPTIONS AVAILABLE
TO–3 Metal Package
Pin 1 – Gate
Pin 2 – Source
Case – Drain
Notes
1) Pulse Test: Pulse Width
≤ 300µs, δ≤ 2%
2) @ VDD = 25V , L ≥ 200µH , RG = 25Ω , Peak IL = 44A , Starting TJ = 25°C
3) @ ISD ≤ 44A , di/dt ≤ 250A/µs , VDD ≤ BVDSS , TJ ≤ 150°C , Suggested RG = 9.1Ω
VDSS
60V
ID(cont)
44A
RDS(on)
0.028
Ω
Ω


Similar Part No. - IRF044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF044 IRF-IRF044 Datasheet
146Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF044 IRF-IRF044 Datasheet
147Kb / 7P
Repetitive Avalanche Ratings
logo
Inchange Semiconductor ...
IRF044 ISC-IRF044 Datasheet
48Kb / 2P
Simple Drive Requirements
logo
Seme LAB
IRF044SMD SEME-LAB-IRF044SMD Datasheet
21Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF044 IRF-IRF044_15 Datasheet
147Kb / 7P
Repetitive Avalanche Ratings
More results

Similar Description - IRF044

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com